Electronic Components Datasheet Search
  English  ▼

X  

CXP922P032 Datasheet (PDF) - Sony Corporation

CXP922P032 Datasheet PDF - Sony Corporation
Part # CXP922P032
Download  CXP922P032 Download
File Size   307.95 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP922P032 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP922P032 Datasheet PDF - Sony Corporation

Part # CXP922P032
Download  CXP922P032 Click to download

File Size   307.95 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP922P032 Datasheet (HTML) - Sony Corporation


CXP922P032 Product details

Description
The CXP922P032 is a CMOS 16-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer, remote control receive circuit, PWM output circuit, and as well as basic configurations like a 16-bit CPU, PROM, RAM, and I/O port.
This LSI also provides the sleep/stop functions that enable lower power consumption.

Features
• An efficient instruction set as a controller
    — Direct addressing, numerous abbreviated forms, multiplication and division instructions
• Instruction sets for C language and RTOS
    — Highly quadratic instruction system, general-purpose register of eight 16-bit × 16-bank configuration
• Minimum instruction cycle 100ns/20MHz operation (3.0 to 5.5V)
    167ns/12MHz operation (2.7 to 5.5V)
• Incorporated PROM capacity 128K bytes
• Incorporated RAM capacity 7680 bytes
• Peripheral functions
    — A/D converter 8-bit 8 analog input, successive approximation system (Conversion time: 12.4µs at 20MHz)
    — Serial interface Asynchronous serial interface (Simple UART) 128-byte buffer RAM,3 channels
    — Timers
        8-bit timer/counter, 2 channels (with timing output)
        16-bit capture timer/counter (with timing output)
        16-bit timer, 4 channels
    — Remote control receive circuit 8-bit pulse measurement counter, 8-stage FIFO
    — PWM output circuit 14-bit, 1 channel
• Interruption 24 factors, 24 vectors, multi-interruption and priority selection possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP
• Piggy/evaluation chip CXP922000
• Mask ROM CXP922032




Similar Part No. - CXP922P032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
CMOS 16-bit Single Chip Microcomputer
CXP922032 SONY-CXP922032 Datasheet
307Kb / 28P
CMOS 16-bit Single Chip Microcomputer
More results


Similar Description - CXP922P032

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com