Electronic Components Datasheet Search
  English  ▼

X  

CXP912032 Datasheet (PDF) - Sony Corporation

CXP912032 Datasheet PDF - Sony Corporation
Part # CXP912032
Download  CXP912032 Download
File Size   413.07 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP912032 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP912032 Datasheet PDF - Sony Corporation

Part # CXP912032
Download  CXP912032 Click to download

File Size   413.07 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP912032 Datasheet (HTML) - Sony Corporation


CXP912032 Product details

Description
The CXP912032 is a CMOS 16-bit micro-computer integrating on a single chip an A/D converter, serial interface with an incorporated buffer RAM, highprecision timing pattern generation function, pulse cycle measurement circuit, PWM generator, generalpurpose prescaler, vertical sync separation circuit, and a measurement circuit which measures the signals of capstan FG, drum FG/PG, reel FG and other servo systems with high precision, as well as basic configurations like a 16-bit CPU, ROM, RAM, and I/O port.
This LSI also provides sleep/stop modes that enable lower power consumption.

Features
• An efficient instruction set as a controller
   — Direct addressing, numerous abbreviated forms,
      multiplication and division instructions
• Instruction sets for C language and RTOS
   — Highly quadratic instruction system, general-purpose
      register of 16-bit × 8-pin × 16-bank configuration
• Minimum instruction cycle time 100ns at 20MHz
   operation
• Incorporated ROM capacity 128K bytes
• Incorporated RAM capacity 6144 bytes
• Peripheral functions
   — A/D converter 8-bit 12-channel successive approximation system, automatic
      scanning function, 8-stage (soft) + 4-stage (hard) FIFO for
      conversion results (Conversion time: 20µs at 20MHz)
   — Serial interface Buffer RAM (128 bytes, supports high-speed transfer mode),
      3 channels
   — Timers 8-bit timer/counter + 8-bit timer (with timing output), 1 channel
      16-bit capture timer/counter (with timing output), 1 channel
      16-bit timer, 4 channels
   — High-precision timing pattern generator PPG for 27 pins, 42 stages (max.)
      PPG for 16 pins, 16 stages (max.)
      RTG for 5 pins, 3 channels
   — PWM/DA gate output PWM for 14 bits, 2 channels
      (Repetitive frequency of 39.1kHz, 20MHz)
      DA gate pulse for 14 bits, 2 channels
   — Servo input control Capstan FG, drum FG/PG, reel FG
   — VSYNC separator
   — FRC capture unit 24-bit and 8-stage FIFO
   — PWM output 14 bits, 2 channels
   — General-purpose prescaler 10 bits, 1 channel
   — Pulse cycle measurement circuit 1 channel with mask input
• General-purpose I/O 80 pins
   (max.; when all multi-purpose pins are used as general-purpose I/O.)
• Interruption 28 factors, 28 vectors, multi-interruption and priority selection
   possible
• Standby mode Sleep/stop
• Package 100-pin plastic QFP/LQFP, 104-pin plastic LFBGA
• Piggyback/evaluation chip CXP912000 100-pin ceramic QFP/LQFP




Similar Part No. - CXP912032

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
CMOS 16-bit Single Chip Microcomputer
CXP913P048 SONY-CXP913P048 Datasheet
308Kb / 26P
CMOS 16-bit Single Chip Microcomputer
More results


Similar Description - CXP912032

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com