Electronic Components Datasheet Search
  English  ▼

X  

MAX14573 Datasheet (PDF) - Maxim Integrated Products

MAX14573 Datasheet PDF - Maxim Integrated Products
Part # MAX14573
Download  MAX14573 Download
File Size   1574.03 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage and Overcurrent Protectors with High Accuracy

MAX14573 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14573 Datasheet PDF - Maxim Integrated Products

Part # MAX14573
Download  MAX14573 Click to download

File Size   1574.03 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage and Overcurrent Protectors with High Accuracy

MAX14573 Datasheet (HTML) - Maxim Integrated Products


MAX14573 Product details

General Description

The MAX14571/MAX14572/MAX14573 adjustable over voltage- and overcurrent-protection devices are ideal to protect systems against positive and negative input voltage faults up to Q40V and feature low 100mI (typ) RON FETs.

The overvoltage-protector (OVP) feature protects voltages between 6V and 36V, while the undervoltage-protector (UVP) feature protects voltages between 4.5V and 24V. The overvoltage-lockout (OVLO) and undervoltage-lockout (UVLO) thresholds are set using optional external resistors. The factory-preset internal OVLO threshold is 33V (typ) and the preset internal UVLO threshold is 19.2V (typ).



Features

Wide 4.5V to 36V Operating Input Range

Adjustable OVLO and UVLO Thresholds

 ±3% Accurate Preset Thresholds

 Automatic Internal and External Selection

Programmable Forward Current Limit

 Adjustable Current Limit Up to 4.2A

 ±15% Accuracy Limit

100mω (typ) On-Resistance FET

Dual-Enable Inputs

 High-Voltage-Capable Input, HVEN

 Microprocessor Input, EN

Reverse Current Flow Control Input, RIEN

Thermal-Shutdown Protection



Applications

Industrial Equipment

Consumer Electronics

Marine Equipment

Battery-Powered Applications




Similar Part No. - MAX14573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14573 MAXIM-MAX14573 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14573 MAXIM-MAX14573 Datasheet
605Kb / 11P
6V to 36V Operating Voltage Range
Rev 0; 8/13
MAX14573EUD+T MAXIM-MAX14573EUD+T Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14573EUD+T MAXIM-MAX14573EUD+T Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
More results


Similar Description - MAX14573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com