Electronic Components Datasheet Search
  English  ▼

X  

MAX11324 Datasheet (PDF) - Maxim Integrated Products

MAX11324 Datasheet PDF - Maxim Integrated Products
Part # MAX11324
Download  MAX11324 Download
File Size   3358.48 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access

MAX11324 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11324 Datasheet PDF - Maxim Integrated Products

Part # MAX11324
Download  MAX11324 Click to download

File Size   3358.48 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access

MAX11324 Datasheet (HTML) - Maxim Integrated Products


MAX11324 Product details

General Description

The MAX11321–MAX11328 are 12-/10-bit with external reference and 500kHz, full-linear-bandwidth, high-speed, low-power, serial-output successive approximation register (SAR) analog-to-digital converters (ADCs). The MAX11321–MAX11328 provide external access to the output of the integrated mux and ADC input, to simplify conditioning. The MAX11321–MAX11328 include both internal and external clock modes. These devices feature scan mode in both internal and external clock modes. The internal clock mode features internal averaging to increase SNR. The external clock mode features the SampleSetK technology, a user-programmable analog input channel sequencer. The SampleSet approach provides greater sequencing flexibility for multichannel applications while alleviating significant microcontroller or DSP (controlling unit) communication overhead.



Benefits and Features

♦ Scan Modes, Internal Averaging, and Internal Clock

♦ 16-Entry First-In/First-Out (FIFO)

♦ SampleSet: User-Defined Channel Sequence with Maximum Length of 256

♦ Input Pins

◇ Any Combination of Single-Ended, Differential and Pseudo-Differential Pairs Allowed

♦ Analog Multiplexer with True Differential Track/Hold

◇ 16-/8-/4-Channel Single-Ended

◇ 12-/8-/4-Channel Fully-Differential Pairs

◇ 15-/8-/4-Channel Pseudo-Differential Relative to a Common Input

♦ Externally Accessible Multiplex Output and ADC Input

♦ Two Software-Selectable Bipolar Input Ranges

◇ ±VREF+/2, ±VREF+

♦ Flexible Input Configuration Across All Channels

♦ High Accuracy

◇ ±1 LSB INL, ±1 LSB DNL, No Missing Codes

♦ 70dB SINAD Guaranteed at 100kHz Input Frequency

♦ 1.5V to 3.6V Digital I/O Supply Voltage

♦ 2.35V to 3.6V Supply Voltage

♦ Extended Battery Life for Portable Applications

◇ 5.4mW at 1Msps with 3V Supplies

◇ 2µA Full-Shutdown Current

♦ External Differential Reference (1V to VDD)

♦ 16MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSP Compatible Serial Interface

♦ Wide -40NC to +125NC Operation

♦ Space-Saving, 32-Pin, 5mm x 5mm TQFN Packages

♦ 1Msps Conversion Rate, No Pipeline Delay



Applications

  High-Speed Data Acquisition Systems

  High-Speed Closed-Loop Systems

  Industrial Control Systems

  Medical Instrumentation

  Battery-Powered Instruments

  Portable Systems



 




Similar Part No. - MAX11324

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11324ATJ+ MAXIM-MAX11324ATJ+ Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results


Similar Description - MAX11324

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11329_V1 MAXIM-MAX11329_V1 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 1; 6/12
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com