Electronic Components Datasheet Search
  English  ▼

X  

MAX71020 Datasheet (PDF) - Maxim Integrated Products

MAX71020 Datasheet PDF - Maxim Integrated Products
Part # MAX71020
Download  MAX71020 Download
File Size   1924.36 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Chip Electricity Meter AFE

MAX71020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX71020 Datasheet PDF - Maxim Integrated Products

Part # MAX71020
Download  MAX71020 Click to download

File Size   1924.36 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Chip Electricity Meter AFE

MAX71020 Datasheet (HTML) - Maxim Integrated Products


MAX71020 Product details

General Description
The MAX71020 is a single-chip analog front-end (AFE) for use in high-performance revenue meters. It contains the compute engine (CE) found in Maxim Integrated’s fourth-generation meter system-on-chip (SoC) and an improved analog-to-digital converter (ADC), and interfaces to the host controller of choice over a SPI interface.
The MAX71020 comes in a 28-pin TSSOP package.

Features
♦ 0.1% Accuracy Over 2000:1 Current Range
♦ Exceeds IEC 62053/ANSI C12.20 Standards
♦ Two Differential Current Sensor Inputs
♦ Two Voltage Sensor Inputs
♦ Selectable Gain of 1 or 8.9 for One Current Input to Support a Shunt
♦ High-Speed Wh/VARh Pulse Outputs with Programmable Width
♦ Up to Four Pulse Outputs with Pulse Count
♦ Four-Quadrant Metering
♦ Digital Temperature Compensation
♦ Independent 32-Bit Compute Engine
♦ 45Hz to 65Hz Line Frequency Range with Same Calibration
♦ Phase Compensation (±10°)
♦ Four Multifunction DIO Pins
♦ SPI Interface
♦ -40°C to +85°C Industrial Temperature Range
♦ 28-Pin TSSOP Lead(Pb)-Free Package




Similar Part No. - MAX71020

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
1Mb / 17P
Highly Accurate AFE for Testing
Rev 0; 6/15
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
MAX71020AETI+ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
Energy Measurement AFE
2015
MAX71020AETI+T MAXIM-MAX71020AETI+T Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Similar Description - MAX71020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
logo
Silan Microelectronics ...
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
Epson Company
S1C17M01 EPSON-S1C17M01 Datasheet
122Kb / 3P
Flow meter controller with AFE
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
13-Mar-2012
logo
Maxim Integrated Produc...
MAX71335L MAXIM-MAX71335L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com