Electronic Components Datasheet Search
  English  ▼

X  

UF5305 Datasheet (PDF) - Unisonic Technologies

UF5305 Datasheet PDF - Unisonic Technologies
Part # UF5305
Download  UF5305 Download
File Size   195.37 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -31A, -55V P-CHANNEL POWER MOSFET

UF5305 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF5305 Datasheet PDF - Unisonic Technologies

Part # UF5305
Download  UF5305 Click to download

File Size   195.37 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -31A, -55V P-CHANNEL POWER MOSFET

UF5305 Datasheet (HTML) - Unisonic Technologies


UF5305 Product details

DESCRIPTION
The UTC UF5305 is a P-channel Power MOSFET, it uses UTC’s advanced technology to provide the customers with high switching speed and a minimum on-state resistance.
The UTC UF5305 is suitable for all commercial-industrial applications, etc.

FEATURES
* RDS(ON) ≤ 0.06 Ω @ VGS=-10V, ID=-16A
* High Switching Speed
* Dynamic dv/dt Rating




Similar Part No. - UF5305

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UF5305L-TN3-T VBSEMI-UF5305L-TN3-T Datasheet
973Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results


Similar Description - UF5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
12A, 55V P-CHANNEL POWER MOSFET
UF9Z34 UTC-UF9Z34 Datasheet
183Kb / 6P
-17A, -55V P-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com