Electronic Components Datasheet Search
  English  ▼

X  

CXP5076 Datasheet (PDF) - Sony Corporation

CXP5076 Datasheet PDF - Sony Corporation
Part # CXP5076
Download  CXP5076 Download
File Size   195.73 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP5076 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP5076 Datasheet PDF - Sony Corporation

Part # CXP5076
Download  CXP5076 Click to download

File Size   195.73 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 4-bit Single Chip Microcomputer

CXP5076 Datasheet (HTML) - Sony Corporation


CXP5076 Product details

Description
CXP5076/5078 is a CMOS 4-bit microcomputer which consists of 4-bit CPU, ROM, RAM, I/O port, 8-bit timer, 8-bit timer/counter, 18-bit time base timer, 8-bit serial I/O, vector interruption, power on reset function, liquid crystal displayer (LCD) controller/driver, D/A conversion 14-bit PWM output port, a remote control reception circuit with noise eliminating circuit, 3-bit A/D converters, a 32kHz timer/event counter and a power supply voltage detection reset function. They are integrated into a single chip with the standby function, etc. which are to be operated at a low power consumption.

Features
• Instruction cycle 1.9µs/4.19MHz 122 µs/32kHz (Possible to select with the program)
• ROM capacity 8192 × 8 bits (CXP5078) 6144 × 8 bits (CXP5076)
• RAM capacity 448 × 4 bits (Including stack, display area)
• 43 general purpose I/O ports
• 8 high current output ports
• LCD controller/driver (Possible to direct drive)
    — Possible to select with the program the segment output of 16 to 32
    — Possible to select with the program the duty of static, 1/2, 1/3 and 1/4
    — Possible to select with the program the bias of 1/2, 1/3
• 14-bit PWM output for D/A conversion
• Remote control reception circuit
• 3-bit A/D converter (8 channels per circuit)
• 32kHz timer/event counter
• Power supply voltage detection reset function
• Low voltage operation (2.5V) ..... when operating in 122µs/32kHz
• Rich wake-up function
• 8-bit/4-bit variable serial I/O
• Arithmetic and logical operations possible between the entire ROM area, I/O area and the accumulator by means of the memory mapped I/O
• 8-bit timer, 8-bit timer/event counter and 18-bit time base timer, independently controlled
• 2 kinds of power down modes of sleep and stop
• Power on reset circuit (mask option)
• Provided with 80 pin plastic QFP
• Provided with 80 pin piggyback QFP (CXP5070)




Similar Part No. - CXP5076

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5070 SONY-CXP5070 Datasheet
469Kb / 19P
CMOS 4-BIT 1 CHIP MICROCOMPUTER
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP50712 SONY-CXP50712 Datasheet
456Kb / 18P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP50716 SONY-CXP50716 Datasheet
456Kb / 18P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
More results


Similar Description - CXP5076

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com