Electronic Components Datasheet Search
  English  ▼

X  

ACP102E Datasheet (PDF) - MicroPower Direct, LLC

ACP102E Datasheet PDF - MicroPower Direct, LLC
Part # ACP102E
Download  ACP102E Download
File Size   285.42 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W Ultra-Miniature DC/DC Converters

ACP102E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACP102E Datasheet PDF - MicroPower Direct, LLC

Part # ACP102E
Download  ACP102E Click to download

File Size   285.42 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, 1W Ultra-Miniature DC/DC Converters

ACP102E Datasheet (HTML) - MicroPower Direct, LLC


ACP102E Product details

Key Features:
• 1W Output Power
• Miniature Low Profi le Case
• DCP01 Series Replacement
• 1,500 VDC Isolation
• Short Circuit Protected
• >3.5 MHour MTBF
• SMT Ver Available (LCP100E)
• LOW, LOW COST!!




Similar Part No. - ACP102E

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ACP11039 TELEDYNE-ACP11039 Datasheet
102Kb / 1P
6.0-11.0 GHz COUGARPAK AMPLIFIER
ACP12013 TELEDYNE-ACP12013 Datasheet
102Kb / 1P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12015 TELEDYNE-ACP12015 Datasheet
145Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12017 TELEDYNE-ACP12017 Datasheet
146Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12019 TELEDYNE-ACP12019 Datasheet
145Kb / 2P
6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
More results


Similar Description - ACP102E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
D100ERW MPD-D100ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
G100R MPD-G100R Datasheet
68Kb / 2P
Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com