Electronic Components Datasheet Search
  English  ▼

X  

IS42SM Datasheet (PDF) - Integrated Silicon Solution, Inc

IS42SM Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS42SM
Download  IS42SM Download
File Size   1190.16 Kbytes
Page   33 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1M x 16Bits x 4Banks Mobile Synchronous DRAM

IS42SM Datasheet (PDF)

Go To PDF Page Download Datasheet
IS42SM Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS42SM
Download  IS42SM Click to download

File Size   1190.16 Kbytes
Page   33 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1M x 16Bits x 4Banks Mobile Synchronous DRAM

IS42SM Datasheet (HTML) - Integrated Silicon Solution, Inc


IS42SM Product details

Description
These IS42SM/RM/VM16400K are mobile 67,108,864 bits CMOS Synchronous DRAM organized as 4 banks of 1,048,567 words x 16 bits. These products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input and output voltage levels are compatible with LVCMOS.

Features
• JEDEC standard 3.3V, 2.5V, 1.8V power supply
• Auto refresh and self refresh
• All pins are compatible with LVCMOS interface
• 4K refresh cycle / 64ms
• Programmable Burst Length and Burst Type
    - 1, 2, 4, 8 or Full Page for Sequential Burst
    - 4 or 8 for Interleave Burst
• Programmable CAS Latency : 2,3 clocks
• All inputs and outputs referenced to the positive edge of the system clock
• Data mask function by DQM
• Internal 4 banks operation
• Burst Read Single Write operation
• Special Function Support
    - PASR(Partial Array Self Refresh)
    - Auto TCSR(Temperature Compensated Self Refresh)
    - Programmable Driver Strength Control
    - Full Strength or 1/2, 1/4, 1/8 of Full Strength
    - Deep Power Down Mode
• Automatic precharge, includes CONCURRENT Auto Precharge Mode and controlled Precharge




Similar Part No. - IS42SM

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16160K-6BLI ISSI-IS42SM16160K-6BLI Datasheet
545Kb / 34P
4M x 16Bits x 4Banks Mobile Synchronous DRAM
Rev. B1 Mar. 2015
IS42SM16160K-75BLI ISSI-IS42SM16160K-75BLI Datasheet
545Kb / 34P
4M x 16Bits x 4Banks Mobile Synchronous DRAM
Rev. B1 Mar. 2015
IS42SM16200C ISSI-IS42SM16200C Datasheet
511Kb / 33P
1M x16Bits x2Banks Low Power Synchronous DRAM
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
Auto refresh and self refresh
IS42SM16200D-6BLI ISSI-IS42SM16200D-6BLI Datasheet
806Kb / 34P
1M x 16Bits x 2Banks Low Power Synchronous DRAM
More results


Similar Description - IS42SM

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16400G ISSI-IS42SM16400G Datasheet
251Kb / 27P
1M x 16Bits x 4Banks Low Power Synchronous DRAM
IS42VM16400G ISSI-IS42VM16400G Datasheet
253Kb / 27P
1M x 16Bits x 4Banks Low Power Synchronous DRAM
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
4M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800F ISSI-IS42VM16800F Datasheet
465Kb / 27P
2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800H ISSI-IS42VM16800H Datasheet
847Kb / 33P
2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-6BLI ISSI-IS42SM16800G-6BLI Datasheet
470Kb / 33P
2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800H-6BLI ISSI-IS42SM16800H-6BLI Datasheet
854Kb / 34P
2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com