Electronic Components Datasheet Search
  English  ▼

X  

D1267 Datasheet (PDF) - Sony Corporation

D1267 Datasheet PDF - Sony Corporation
Part # D1267
Download  D1267 Download
File Size   124.25 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CCD Vertical Clock Driver

D1267 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1267 Datasheet PDF - Sony Corporation

Part # D1267
Download  D1267 Click to download

File Size   124.25 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CCD Vertical Clock Driver

D1267 Datasheet (HTML) - Sony Corporation


D1267 Product details

CCD Vertical Clock Driver



Description

The CXD1267AN is a vertical clock driver for CCD image sensors. This IC is the successor of the

CXD1250N with attractive features. Power consumption is reduced approximately 30% for the CXD1267AN version.



Features

1) Substrate voltage (Vsub) generator is built-in.

  • Variable Vsub in the range of 4.0V to 18.5V.

  • Reduction of peripheral parts saves space.

2) Only two power supplies (+15V and –8.5V) are needed.

3) 3.3V clock interface is acceptable.

4) 20-pin SSOP package is used.

5) Low power consumption

    90mW (CXD1267N)

    62mW (CXD1267AN)

    approximately 30% reduction



Appllications

CCD cameras



Structure

CMOS




Similar Part No. - D1267

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D12671-000 MACOM-D12671-000 Datasheet
420Kb / 10P
7mm Series Metal Oxide Varistors
More results


Similar Description - D1267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
Vertical Clock Driver for CCD Image sensor
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
CCD Vertical Clock Driver
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
6-channel CCD Vertical Clock Driver
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
Vertical Clock Driver for CCD Image sensor
logo
Toshiba Semiconductor
TB62801F TOSHIBA-TB62801F Datasheet
367Kb / 20P
Linear CCD Clock Driver
13-Jun-2006
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
For CCD Vertical Clock Driver
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
Vertical Clock Driver for CCD
August, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com