Electronic Components Datasheet Search
  English  ▼

X  

CXA3286 Datasheet (PDF) - Sony Corporation

CXA3286 Datasheet PDF - Sony Corporation
Part # CXA3286
Download  CXA3286 Download
File Size   331.08 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 160MSPS Flash A/D Converter

CXA3286 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3286 Datasheet PDF - Sony Corporation

Part # CXA3286
Download  CXA3286 Click to download

File Size   331.08 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 160MSPS Flash A/D Converter

CXA3286 Datasheet (HTML) - Sony Corporation


CXA3286 Product details

Description
The CXA3286R is an 8-bit high-speed flash A/D converter capable of digitizing analog signals at the maximum rate of 160MSPS. ECL, PECL or TTL can be selected as the digital input level in accordance with the application. The TTL digital output level allows 1:2 demultiplexed output.

Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• Maximum conversion rate of 160MSPS
• Low input capacitance: 10pF
• Power saving function
• Wide analog input bandwidth: 250MHz
• Low power consumption: 550mW
• 1:2 demultiplexed output
• 1/2 frequency-divided clock output (with reset function)
• Compatible with ECL, PECL and TTL digital input levels
• TTL output "H" levels: 2.8V (Typ.)
• Output voltage control function (VOCLP)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Ultra-small surface mounting package (48-pin LQFP)

Applications
• LCD monitors
• LCD projectors




Similar Part No. - CXA3286

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
All Band TV Tuner IC with On-chip PLL
More results


Similar Description - CXA3286

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
10/9/8-BIT 160MSPS D/A CONVERTER
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
8-bit 120MSPS Flash A/D Converter
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
8-bit 120MSPS Flash A/D Converter
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com