Electronic Components Datasheet Search
  English  ▼

X  

MCT7809CT Datasheet (PDF) - Motorola, Inc

MCT7809CT Datasheet PDF - Motorola, Inc
Part # MCT7809CT
Download  MCT7809CT Download
File Size   224.94 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

MCT7809CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT7809CT Datasheet PDF - Motorola, Inc

Part # MCT7809CT
Download  MCT7809CT Click to download

File Size   224.94 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

MCT7809CT Datasheet (HTML) - Motorola, Inc


MCT7809CT Product details

These voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators for a wide variety of applications including local, on-card regulation. These regulators employ internal current limiting, thermal shutdown, and safe-area compensation. With adequate heatsinking they can deliver output currents in excess of 1.0 A. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents.



• Output Current in Excess of 1.0 A

• No External Components Required

• Internal Thermal Overload Protection

• Internal Short Circuit Current Limiting

• Output Transistor Safe-Area Compensation

• Output Voltage Offered with a 4% Tolerance

• Available in Surface Mount D2PAK and Standard 3-Lead Transistor Packages




Similar Part No. - MCT7809CT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
logo
Magnelab.
MCT-0016-005 MAGNELAB-MCT-0016-005 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
MCT-0016-010 MAGNELAB-MCT-0016-010 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
MCT-0016-020 MAGNELAB-MCT-0016-020 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
More results


Similar Description - MCT7809CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com