Electronic Components Datasheet Search
  English  ▼

X  

IRS2548DSTRPBF Datasheet (PDF) - International Rectifier

IRS2548DSTRPBF Datasheet PDF - International Rectifier
Part # IRS2548DSTRPBF
Download  IRS2548DSTRPBF Download
File Size   325.62 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC

IRS2548DSTRPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2548DSTRPBF Datasheet PDF - International Rectifier

Part # IRS2548DSTRPBF
Download  IRS2548DSTRPBF Click to download

File Size   325.62 Kbytes
Page   22 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC

IRS2548DSTRPBF Datasheet (HTML) - International Rectifier


IRS2548DSTRPBF Product details

Description
The IRS2548D is a fully integrated, fully protected 600V LED or switched mode power supply control IC with integrated PFC control for a Boost pre-regulator. The IRS2548D is based on the popular IRS2168D electronic ballast control IC re-designed for use in LED driver or half-bridge power supply applications. The PFC circuitry operates in critical conduction mode and provides high PF, low THD and DC bus regulation.

Features
• PFC, system control and half-bridge driver in one IC
• Critical-conduction mode boost-type PFC
• Programmable PFC over-current protection
• Half Bridge Driver
• Half Bridge Over Current Protection
• Variable Frequency Oscillator
• Fixed internal 1.6us HO and LO deadtime
• Internal bootstrap MOSFET
• Internal 15.6V zener clamp diode on Vcc
• Micropower startup (250µA)
• Latch immunity and ESD protection

Typical Applications
• Isolated LED Drivers
• Power Supplies




Similar Part No. - IRS2548DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2548DSPBF IRF-IRS2548DSPBF Datasheet
325Kb / 22P
Critical-conduction mode boost-type PFC
IRS2548DSPBF IRF-IRS2548DSPBF_15 Datasheet
325Kb / 22P
Critical-conduction mode boost-type PFC
More results


Similar Description - IRS2548DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
PFC, ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
Boost PFC and SMPS Control IC
2015-9-2
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
IRS2548D INFINEON-IRS2548D Datasheet
325Kb / 22P
PFC, system control and half-bridge driver
September 29, 2011
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com