Electronic Components Datasheet Search
  English  ▼

X  

PCA85371 Datasheet (PDF) - NXP Semiconductors

PCA85371 Datasheet PDF - NXP Semiconductors
Part # PCA85371
Download  PCA85371 Download
File Size   2918.0 Kbytes
Page   82 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive LCD driver for multiplex rates up to 1:8

PCA85371 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA85371 Datasheet PDF - NXP Semiconductors

Part # PCA85371
Download  PCA85371 Click to download

File Size   2918.0 Kbytes
Page   82 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive LCD driver for multiplex rates up to 1:8

PCA85371 Datasheet (HTML) - NXP Semiconductors


PCA85371 Product details

General description
The PCA8537 is a fully featured Liquid Crystal Display (LCD)1 driver, specifically designed for high-contrast Vertical Alignment (VA) LCD with multiplex rates up to 1:8. It generates the drive signals for any static or multiplexed LCD containing up to eight backplanes, 46 segments, and up to 352 elements. The PCA8537 features an internal charge pump with internal capacitors for on-chip generation of the LCD driving voltage. To ensure an optimal and stable contrast over the full temperature range, the PCA8537 offers a programmable temperature compensation of the LCD supply voltage. The PCA8537 can be easily connected to a microcontroller by either the two-line I2C-bus (PCA8537AH) or a three-line bidirectional SPI-bus (PCA8537BH).

Features and benefits
■ AEC Q100 compliant for automotive applications.
■ Low-power single-chip LCD controller and driver
■ 352 elements allowing to drive:
   ◆ up to 44 7-segment alphanumeric characters
   ◆ up to 22 14-segment alphanumeric characters
■ Selectable backplane drive configuration: static, 2, 4, 6, or 8 backplane multiplexing
■ Software programmable internal charge pump for on-chip LCD voltage generation up to 9 V with internal capacitors
■ 400 kHz I2C-bus interface (PCA8537AH)
■ 5 MHz SPI-bus interface (PCA8537BH)
■ Programmable temperature compensation of VLCD in four regions
■ Selectable display bias configuration
■ Wide range for digital power supply: from 1.8 V to 5.5 V
■ Wide LCD supply range: from 2.5 V for low threshold LCDs and up to 9.0 V for high threshold twisted nematic LCDs
■ Display memory bank switching in static, duplex, and quadruplex drive modes
■ 352-bit RAM for display data storage
■ Programmable frame frequency in the range of 60 Hz to 300 Hz in steps of 10 Hz; factory calibrated
■ Integrated temperature sensor with temperature readout
■ On chip calibration of internal oscillator frequency and VLCD
■ Manufactured in silicon gate CMOS process

Applications
■ Instrument cluster
■ Car radio
■ Climate control units




Similar Part No. - PCA85371

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8537AH NXP-PCA8537AH Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCA8537AH NXP-PCA8537AH Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results


Similar Description - PCA85371

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
LCD driver for low multiplex rates
1998 Jun 18
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCA8576D NXP-PCA8576D Datasheet
1Mb / 42P
Automotive 40 x 4 LCD segment driver for low multiplex rates up to 1:4
Rev. 1-4 April 2011
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com