Electronic Components Datasheet Search
  English  ▼

X  

SNC363 Datasheet (PDF) - SONiX Technology Company

SNC363 Datasheet PDF - SONiX Technology Company
Part # SNC363
Download  SNC363 Download
File Size   421.02 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Voice/Dual Tone Melody Controller?

SNC363 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC363 Datasheet PDF - SONiX Technology Company

Part # SNC363
Download  SNC363 Click to download

File Size   421.02 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Voice/Dual Tone Melody Controller?

SNC363 Datasheet (HTML) - SONiX Technology Company


SNC363 Product details

INTRODUCTION
SNC363 is a 1-channel voice synthesizer and dual-tone melody IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port and two 4-bit I/O ports. By programming through the tiny controller in SNC363, user’s varied applications including voice section combination, dual-tone melody, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ 31 seconds voice capacity are provided (@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
♦ One 4-bit input port and two 4-bit I/O ports are provided
♦ 128*4 bits RAM are provided
♦ 96K*10 ROM size are provided for voice data and program
♦ Maximum 16k program ROM is provided
♦ Readable ROM code data
♦ IR carrier signal is provided
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ One voice channel plus Dual-Tone Melody
♦ Built in a PWM Direct Drive circuit and a fixed current D/A output
♦ System clock: 2MHz
♦ Low Power Reset




Similar Part No. - SNC363

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC363 SONIX-SNC363 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC363 SONIX-SNC363_05 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
More results


Similar Description - SNC363

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC313 SONIX-SNC313 Datasheet
421Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC322 SONIX-SNC322 Datasheet
403Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC333 SONIX-SNC333 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC362 SONIX-SNC362 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323_05 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC342 SONIX-SNC342_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC362 SONIX-SNC362_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com