Electronic Components Datasheet Search
  English  ▼

X  

S3DB Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

S3DB Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # S3DB
Download  S3DB Download
File Size   189.11 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 3.0 AMPS. Surface Mount Rectifiers

S3DB Datasheet (PDF)

Go To PDF Page Download Datasheet
S3DB Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # S3DB
Download  S3DB Click to download

File Size   189.11 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 3.0 AMPS. Surface Mount Rectifiers

S3DB Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


S3DB Product details

Features
◇ For surface mounted application
◇ Glass passivated junction chip.
◇ Low forward voltage drop
◇ High current capability
◇ Easy pick and place
◇ High surge current capability
◇ Plastic material used carries Underwriters
   Laboratory Classification 94V-0
◇ High temperature soldering:
◇ 260°C / 10 seconds at terminals




Similar Part No. - S3DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3DB DIODES-S3DB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3DB ETC1-S3DB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3DB WTE-S3DB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3DB TSC-S3DB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3DB TSC-S3DB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results


Similar Description - S3DB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3A TSC-HS3A_1 Datasheet
238Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
S3A TSC-S3A Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3A TSC-S3A_1 Datasheet
278Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB_1 Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
S3A YANGJIE-S3A Datasheet
703Kb / 2P
3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S3A TSC-S3A_08 Datasheet
2Mb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB_10 Datasheet
471Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com