Electronic Components Datasheet Search
  English  ▼

X  

MAX44261 Datasheet (PDF) - Maxim Integrated Products

MAX44261 Datasheet PDF - Maxim Integrated Products
Part # MAX44261
Download  MAX44261 Download
File Size   2836.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps

MAX44261 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44261 Datasheet PDF - Maxim Integrated Products

Part # MAX44261
Download  MAX44261 Click to download

File Size   2836.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps

MAX44261 Datasheet (HTML) - Maxim Integrated Products


MAX44261 Product details

General Description
The MAX44260/MAX44261 offer a unique combination of high speed, precision, low noise, and low-voltage operation making them ideally suited for a large number of signal processing functions such as filtering and amplification of signals in portable and industrial equipment.
The amplifiers feature an input offset of less than 50FV and a high-gain bandwidth product of 15MHz while maintaining a low 1.8V supply rail. The devices’ rail-torail input/outputs and low noise guarantee maximum dynamic range in demanding applications such as 12- to 14-bit SAR ADC drivers. Unlike traditional rail-to-rail input structures, input crossover distortion is absent due to an optimized input stage with an ultra-quiet charge pump.
The MAX44260 includes a fast-power-on shutdown mode for further power savings. The MAX44261 offers a unique on-demand calibration pin where the user can invoke self-trimming of the input offset voltage.

Features
♦ Low 1.8V Supply Rail Over the -40°C to +125°C Range
   1.7V Supply Rail Over the 0°C to +70°C Range
♦ 15MHz Unity-Gain Bandwidth
♦ Low 12.7nV/√Hz Input Voltage-Noise Density
♦ Low 1.2fA/√Hz Input Current-Noise Density
♦ Low 50µV (max) VOS at +25°C
♦ On-Demand VOS Self-Calibration (MAX44261)
♦ 500fA Low Input Bias Current
♦ 750µA Quiescent Current per Amplifier
♦ < 1µA Supply Current in Shutdown
♦ Small, 2mm x 2mm SC70 and 1mm x 1.5mm Thin
   µDFN (MAX44260) Packages
♦ Low 110dB Total Harmonic Distortion

Applications
   Notebooks
   3G/4G Handsets
   Portable Media Players
   Portable Medical Instruments
   Battery-Operated Devices
   Analog-to-Digital Converter Buffers
   Transimpedance Amplifiers
   General-Purpose Signal Processing




Similar Part No. - MAX44261

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44261 MAXIM-MAX44261 Datasheet
2Mb / 14P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44261AXT MAXIM-MAX44261AXT Datasheet
2Mb / 14P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44261AXT+ MAXIM-MAX44261AXT+ Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44261AXT+ MAXIM-MAX44261AXT+ Datasheet
1,007Kb / 14P
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results


Similar Description - MAX44261

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 14P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com