| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX11102
|
2Mb / 25P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10 |
|
MAX11102_1108
|
2Mb / 30P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11 |
|
MAX11129
|
2Mb / 36P |
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11 |
|
MAX11120
|
3Mb / 40P |
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11 |
|
MAX11129
|
3Mb / 36P |
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12 |
|
MAX11120_V2
|
3Mb / 40P |
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12 |
|
MAX11135_V1
|
3Mb / 40P |
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12 |
|
MAX11102
|
2Mb / 30P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12 |
|
MAX11102
|
2Mb / 30P |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013 |
|
MAX11120
|
1Mb / 40P |
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019 |