Electronic Components Datasheet Search
  English  ▼

X  

AE10411 Datasheet (PDF) - Assmann Electronics Inc.

AE10411 Datasheet PDF - Assmann Electronics Inc.
Part # AE10411
Download  AE10411 Download
File Size   77.64 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description USB Assembly Type 3.0, 9 Pin A/M

AE10411 Datasheet (PDF)

Go To PDF Page Download Datasheet
AE10411 Datasheet PDF - Assmann Electronics Inc.

Part # AE10411
Download  AE10411 Click to download

File Size   77.64 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description USB Assembly Type 3.0, 9 Pin A/M

AE10411 Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AE10411

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AE10400 ASSMANN-AE10400 Datasheet
256Kb / 1P
USB 2.0, A VERSION, HORIZONTAL DIP TYPE
AE10401 ASSMANN-AE10401 Datasheet
256Kb / 1P
USB 1.1, A version, Horizontal DIP Type
AE10405 ASSMANN-AE10405 Datasheet
212Kb / 1P
MIDDLE SIZE WATERPROOF CAP
AE10406 ASSMANN-AE10406 Datasheet
211Kb / 1P
MIDDLE SIZE WATERPROOF CAP
AE10426 ASSMANN-AE10426 Datasheet
56Kb / 1P
Modular Cable Plug
More results


Similar Description - AE10411

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023005-01M QUALTEK-3023005-01M Datasheet
583Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023027-03M QUALTEK-3023027-03M Datasheet
605Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USBPA-3 ASSMANN-A-USBPA-3 Datasheet
171Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
logo
List of Unclassifed Man...
SC-3AAK003F ETC1-SC-3AAK003F Datasheet
179Kb / 1P
Cable Assembly, USB 3.0, Type A/M - Type A/M, Black
2017.08.24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com