Electronic Components Datasheet Search
  English  ▼

X  

NKC250 Datasheet (PDF) - Nell Semiconductor Co., Ltd

NKC250 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # NKC250
Download  NKC250 Download
File Size   1674.02 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Diodes, 250 A( MAGN-A-PAK Power Modules)

NKC250 Datasheet (PDF)

Go To PDF Page Download Datasheet
NKC250 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # NKC250
Download  NKC250 Click to download

File Size   1674.02 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Diodes, 250 A( MAGN-A-PAK Power Modules)

NKC250 Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - NKC250

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC250 NELLSEMI-NKC250 Datasheet
487Kb / 4P
Standard Diodes, 250 A
NKC250 NELLSEMI-NKC250 Datasheet
663Kb / 4P
Standard Diodes
More results


Similar Description - NKC250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
02-Jul-10
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
07-Oct-11
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
05-Dec-16
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
07-Oct-11
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
03-Apr-2019
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
05-Jan-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com