Electronic Components Datasheet Search
  English  ▼

X  

NKC200 Datasheet (PDF) - Nell Semiconductor Co., Ltd

NKC200 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # NKC200
Download  NKC200 Download
File Size   1697.26 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)

NKC200 Datasheet (PDF)

Go To PDF Page Download Datasheet
NKC200 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # NKC200
Download  NKC200 Click to download

File Size   1697.26 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)

NKC200 Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - NKC200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC200 NELLSEMI-NKC200 Datasheet
354Kb / 4P
Standard Recovery Diodes, 200 A
More results


Similar Description - NKC200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD236 VISHAY-VSKD236_10 Datasheet
278Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
20-May-10
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKE160-08A NELLSEMI-NKE160-08A Datasheet
326Kb / 4P
Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
logo
Vishay Siliconix
VSKC166-16PBF VISHAY-VSKC166-16PBF Datasheet
237Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
30-Apr-13
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
29-Sep-15
VS-VSKD166 VISHAY-VS-VSKD166_V01 Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
VS-VSK166PBF VISHAY-VS-VSK166PBF Datasheet
281Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
VS-VSK.166..PBF VISHAY-VS-VSK.166..PBF Datasheet
280Kb / 13P
Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
04-May-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com