Electronic Components Datasheet Search
  English  ▼

X  

SAB80C515 Datasheet (PDF) - Siemens Semiconductor Group

SAB80C515 Datasheet PDF - Siemens Semiconductor Group
Part # SAB80C515
Download  SAB80C515 Download
File Size   668.03 Kbytes
Page   56 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB80C515 Datasheet PDF - Siemens Semiconductor Group

Part # SAB80C515
Download  SAB80C515 Click to download

File Size   668.03 Kbytes
Page   56 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C515 Datasheet (HTML) - Siemens Semiconductor Group


SAB80C515 Product details

High-Performance 8-Bit CMOS Single-Chip Microcontroller

The SAB 80C515/80C535 is a powerful member of the Siemens SAB 8051 family of 8-bit microcontrollers. It is designed in Siemens ACMOS technology and is functionally compatible with the SAB 80515/80535 devices designed in MYMOS technology.

● 8 K × 8 ROM (SAB 80C515 only)
● 256 × 8 RAM
● Six 8-bit I/O ports, one input port for digital or analog input
● Three 16-bit timer/counters
● Highly flexible reload, capture, compare capabilities
● Full-duplex serial channel
● Twelve interrupt vectors, four priority levels
● 8-bit A/D converter with 8 multiplexed inputs and programmable internal reference voltages
● 16-bit watchdog timer
● Boolean processor
● Most instructions execute in 1 µs (750 ns)
● 4 µs (3 µs) multiply and divide
● External memory expandable up to 128 Kbytes
● Backwardly compatible with SAB 8051
● Functionally compatible with SAB 80515
● Idle and power-down mode
● Plastic leaded chip carrier package: P-LCC-68
● Plastic Metric Quad Flat Package P-MQFP-80
● Two temperature ranges available:
    0 to 70 ˚C (for 12, 16, 20 MHz)
    – 40 to 85 ˚C (for 12, 16 MHz)




Similar Part No. - SAB80C515

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
logo
Siemens Semiconductor G...
SAB80C515 SIEMENS-SAB80C515 Datasheet
2Mb / 270P
8-Bit Single-Chip Microcontroller Family
logo
Infineon Technologies A...
SAB80C515-16 INFINEON-SAB80C515-16 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
logo
Siemens Semiconductor G...
SAB80C515A SIEMENS-SAB80C515A Datasheet
899Kb / 57P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Similar Description - SAB80C515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com