Electronic Components Datasheet Search
  English  ▼

X  

S7184 Datasheet (PDF) - Hamamatsu Corporation

S7184 Datasheet PDF - Hamamatsu Corporation
Part # S7184
Download  S7184 Download
File Size   98.25 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Photo IC diode Linear current amplification of photodiode output

S7184 Datasheet (PDF)

Go To PDF Page Download Datasheet
S7184 Datasheet PDF - Hamamatsu Corporation

Part # S7184
Download  S7184 Click to download

File Size   98.25 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Photo IC diode Linear current amplification of photodiode output

S7184 Datasheet (HTML) - Hamamatsu Corporation


S7184 Product details

Photo IC diodes
Linear current amplification of photodiode output

The S7183 and S7184 consist of a photodiode and a signal processing circuit for amplifying the photocurrent generated from the photodiode up to 1300 times. Despite a small active area, these photo ICs provide an output nearly equal to that from photodiodes with a 20 × 20 mm active area. Both S7183 and S7184 can be used the same way as a reverse-biased photodiode, and in most cases, they deliver a sufficient output voltage by just connecting a load resistor.

Features
➤ Clear plastic package
➤ Operation just as easy as using photodiodes
➤ Large output current rivaling that of a phototransistor
➤ Good linearity

Applications
➤ Energy saving sensors for TV brightness controls, etc.
➤ Light dimmers for liquid crystal panels
➤ Various types of light level measurement




Similar Part No. - S7184

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S7181-45R HARWIN-S7181-45R Datasheet
105Kb / 1P
SMT SPRING CONTACT (4.50mm HIGH) IN TAPE AND REEL
logo
Hamamatsu Corporation
S7183 HAMAMATSU-S7183_15 Datasheet
251Kb / 8P
Photo IC diodes
More results


Similar Description - S7184

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOD-1082 KODENSHI-KOD-1082 Datasheet
295Kb / 2P
Photo diode IC
KOD-2410 KODENSHI-KOD-2410 Datasheet
202Kb / 2P
Photo diode IC
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
Photo IC(photodiode with signal processing)
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
Photo IC(photodiode with signal processing)?
PIC-1503 KODENSHI-PIC-1503 Datasheet
141Kb / 2P
Photo IC(photodiode with signal processing)?
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
Photo IC(photodiode with signal processing)?
logo
Intersil Corporation
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
Hamamatsu Corporation
S10604-200CT HAMAMATSU-S10604-200CT_15 Datasheet
537Kb / 7P
Photo IC diode
logo
Renesas Technology Corp
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com