Electronic Components Datasheet Search
  English  ▼

X  

RJP60D0DPK Datasheet (PDF) - Renesas Technology Corp

RJP60D0DPK Datasheet PDF - Renesas Technology Corp
Part # RJP60D0DPK
Download  RJP60D0DPK Download
File Size   84.57 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJP60D0DPK Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP60D0DPK Datasheet PDF - Renesas Technology Corp

Part # RJP60D0DPK
Download  RJP60D0DPK Click to download

File Size   84.57 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJP60D0DPK Datasheet (HTML) - Renesas Technology Corp


RJP60D0DPK Product details

Silicon N Channel IGBT High Speed Power Switching



Features

  Short circuit withstand time (5 s typ.)

  Low collector to emitter saturation voltage

        VCE(sat)= 1.6 V typ. (IC= 22 A, VGE= 15 V, Ta = 25°C)

  Gate to emitter voltage rating 30 V

  Pb-free lead plating and chip bonding




Similar Part No. - RJP60D0DPK

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RJP60D0DPK ISC-RJP60D0DPK Datasheet
404Kb / 2P
IGBT
logo
Renesas Technology Corp
RJP60D0DPK RENESAS-RJP60D0DPK_15 Datasheet
84Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
More results


Similar Description - RJP60D0DPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJH60F4DPK RENESAS-RJH60F4DPK Datasheet
221Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP30E2DPP-M0 RENESAS-RJP30E2DPP-M0 Datasheet
158Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com