Electronic Components Datasheet Search
  English  ▼

X  

R2A20154SP Datasheet (PDF) - Renesas Technology Corp

R2A20154SP Datasheet PDF - Renesas Technology Corp
Part # R2A20154SP
Download  R2A20154SP Download
File Size   347.59 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)

R2A20154SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20154SP Datasheet PDF - Renesas Technology Corp

Part # R2A20154SP
Download  R2A20154SP Click to download

File Size   347.59 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)

R2A20154SP Datasheet (HTML) - Renesas Technology Corp


R2A20154SP Product details

Description
The R2A20154 is an integrated circuit semiconductor of CMOS structure with 4 channels of built in D/A converters with output buffer operational amplifiers. It is the electrical characteristic improvement version of the M62334.
The output buffer operational amplifier employs AB class output circuit with sync and source drive capacity of 1.0mA or more, and it operates in the whole voltage range from Vcc to ground.
The input is 2-wires serial method is used for the transfer format of digital data to allow connection with a microcomputer with minimum wiring. This IC corresponds to Fast mode of I2C BUS standard.

Features
● Guarantee Differential nonlinearity error : +/-0.7LSB, Nonlinearity error : +/-1.0LSB
● Digital data transfer format: I2C BUS serial data method (Corresponds to Fast mode: 400kHz)
● Output buffer operational amplifier
   It operates in the whole range from Vcc to ground.
● High output current drive capacity: 1mA over
● The very small size SON-8 package is added to the lineup.

Application
   Conversion from digital data to analog control data for home-use and industrial equipment.
   Signal gain control or automatic adjustment of LCD-TV, PDP-TV or LCD display-monitor.
   Blurring correction control or various control of the interchangeable lens of digital camera




Similar Part No. - R2A20154SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20154NS RENESAS-R2A20154NS_15 Datasheet
347Kb / 9P
8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
More results


Similar Description - R2A20154SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62334P RENESAS-M62334P Datasheet
128Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
R2A20152NS RENESAS-R2A20152NS Datasheet
346Kb / 9P
8-bit 2ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20158NP RENESAS-R2A20158NP Datasheet
157Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20164NP RENESAS-R2A20164NP Datasheet
355Kb / 9P
8-bit 4ch D/A Converter with Buffer Amplifiers
R2A20152NS RENESAS-R2A20152NS_15 Datasheet
346Kb / 9P
8-bit 2ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
R2A20164NPSA RENESAS-R2A20164NPSA_15 Datasheet
355Kb / 9P
8-bit 4ch D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_15 Datasheet
127Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
R2A20154NS RENESAS-R2A20154NS_15 Datasheet
347Kb / 9P
8-bit 4ch D/A Converter with Buffer Amplifiers for I2C BUS (Corresponds to Fast mode)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com