Electronic Components Datasheet Search
  English  ▼

X  

2N4959 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N4959 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N4959
Download  2N4959 Download
File Size   68.32 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TO-72

2N4959 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4959 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N4959
Download  2N4959 Click to download

File Size   68.32 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TO-72

2N4959 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N4959 Product details

PNP Silicon Transistors




Similar Part No. - 2N4959

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4959 SEMICOA-2N4959 Datasheet
29Kb / 1P
Chip Type 2C4957 Geometry 0006 Polarity PNP
logo
New Jersey Semi-Conduct...
2N4959 NJSEMI-2N4959 Datasheet
156Kb / 1P
PNP SILICON ANNULAR SMALL-SIGNAL
logo
Semicoa Semiconductor
2N4959UB SEMICOA-2N4959UB Datasheet
29Kb / 1P
Chip Type 2C4957 Geometry 0006 Polarity PNP
More results


Similar Description - 2N4959

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
logo
New Jersey Semi-Conduct...
3N201 NJSEMI-3N201 Datasheet
163Kb / 2P
TO-72
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600 ACCUTEK-AK64D600_13 Datasheet
1Mb / 5P
64 Pin to 72 Pin DIP Adapters
logo
Pasternack Enterprises,...
PE3832-72 PASTERNACK-PE3832-72 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 72 Inch Length
logo
Virginia Panel Corporat...
7-105870595-072 VPC-7-105870595-072 Datasheet
90Kb / 1P
Signal Patchcord, ITA, TriPaddle, 72", CAT5e, to RJ45 Plug,
7-106870595-072 VPC-7-106870595-072 Datasheet
89Kb / 1P
Signal Patchcord, Receiver, TriPaddle, 72", CAT5e, to RJ45 Plug
7-123870595-072 VPC-7-123870595-072 Datasheet
90Kb / 1P
Signal Patchcord, ITA, QuadraPaddle, 72", CAT5e, to RJ45 Plug
logo
Pasternack Enterprises,...
PE3996-72 PASTERNACK-PE3996-72 Datasheet
659Kb / 4P
N Male to N Female Cable 72 Inch Length
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com