Electronic Components Datasheet Search
  English  ▼

X  

DS1307ZN Datasheet (PDF) - Tiger Electronic Co.,Ltd

DS1307ZN Datasheet PDF - Tiger Electronic Co.,Ltd
Part # DS1307ZN
Download  DS1307ZN Download
File Size   178.25 Kbytes
Page   11 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 64 X 8 Serial Real Time Clock

DS1307ZN Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1307ZN Datasheet PDF - Tiger Electronic Co.,Ltd

Part # DS1307ZN
Download  DS1307ZN Click to download

File Size   178.25 Kbytes
Page   11 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 64 X 8 Serial Real Time Clock

DS1307ZN Datasheet (HTML) - Tiger Electronic Co.,Ltd


DS1307ZN Product details

DESCRIPTION

The DS1307 Serial Real Time Clock is a low power, full BCD clock/calendar plus 56 bytes of nonvolatile SRAM. Address and data are transferred serially via a 2-wire bi-directional bus. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for months with less than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator. The DS1307 has a built-in power sense circuit which detects power failures and automatically switches to the battery supply.



FEATURES

Real time clock counts seconds, minutes,hours, date of the month, month, day of theweek, and year with leap year compensationvalid up to 2100

56 byte nonvolatile RAM for data storage

2-wire serial interface

Programmable squarewave output signal

Automatic power-fail detect and switch circuitry

Consumes less than 500 nA in battery backup mode with oscillator running

Optional industrial temperature range -40°C to +85°C

Available in 8-pin DIP or SOIC

Recognized by Underwriters Laboratory




Similar Part No. - DS1307ZN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307ZN DALLAS-DS1307ZN Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1307ZN DALLAS-DS1307ZN Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307ZN MAXIM-DS1307ZN Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
logo
ARTSCHIP ELECTRONICS CO...
DS1307ZN ARTSCHIP-DS1307ZN Datasheet
249Kb / 14P
I2C Real-Time Clock
logo
Maxim Integrated Produc...
DS1307ZN+ MAXIM-DS1307ZN+ Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
More results


Similar Description - DS1307ZN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com