Electronic Components Datasheet Search
  English  ▼

X  

BTB08-600B Datasheet (PDF) - Tiger Electronic Co.,Ltd

BTB08-600B Datasheet PDF - Tiger Electronic Co.,Ltd
Part # BTB08-600B
Download  BTB08-600B Download
File Size   93.13 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 8A TRIACS

BTB08-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB08-600B Datasheet PDF - Tiger Electronic Co.,Ltd

Part # BTB08-600B
Download  BTB08-600B Click to download

File Size   93.13 Kbytes
Page   1 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description 8A TRIACS

BTB08-600B Datasheet (HTML) - Tiger Electronic Co.,Ltd


BTB08-600B Product details

GENERAL DESCRIPTION

Available either in through-hole or surface-mount packages, the BTA/BTB08 - 600B triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...

The snubberless versions (BTA/BTB...W series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.




Similar Part No. - BTB08-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-600B STMICROELECTRONICS-BTB08-600B Datasheet
189Kb / 4P
TRIACS
Feb-1989
BTB08-600B STMICROELECTRONICS-BTB08-600B Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTB08-600B JIEJIE-BTB08-600B Datasheet
589Kb / 5P
8A TRIACs
logo
Kersemi Electronic Co.,...
BTB08-600B KERSEMI-BTB08-600B Datasheet
817Kb / 4P
SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTB08-600B ISC-BTB08-600B Datasheet
221Kb / 1P
isc Thyristors
More results


Similar Description - BTB08-600B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
8A TRIACS
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
8A TRIACs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com