Electronic Components Datasheet Search
  English  ▼

X  

MC88921 Datasheet (PDF) - Motorola, Inc

MC88921 Datasheet PDF - Motorola, Inc
Part # MC88921
Download  MC88921 Download
File Size   106.7 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW SKEW CMOS PLL CLOCK DRIVER With Power-Down/ Power-Up Feature

MC88921 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC88921 Datasheet PDF - Motorola, Inc

Part # MC88921
Download  MC88921 Click to download

File Size   106.7 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW SKEW CMOS PLL CLOCK DRIVER With Power-Down/ Power-Up Feature

MC88921 Datasheet (HTML) - Motorola, Inc


MC88921 Product details

The MC88921 Clock Driver utilizes phase–locked loop technology to lock its low skew outputs’ frequency and phase onto an input reference clock. It is designed to provide clock distribution for CISC microprocessor or single processor RISC systems. The PLL allows the high current, low skew outputs to lock onto a single clock input and distribute it with essentially zero delay to multiple locations on a board. The PLL also allows the MC88921 to multiply a low frequency input clock and distribute it locally at a higher (2X) system frequency.



• 2X_Q Output Meets All Requirements of the 20, 25 and 33MHz 68040 Microprocessor PCLK Input Specifications

• 60 and 66MHz Output to Drive the Pentium Microprocessor

• Four Outputs (Q0–Q3) With Output–Output Skew <500ps and Six

Outputs Total (Q0–Q3, 2X_Q) With <1ns Skew Each Being Phase and Frequency Locked to the SYNC Input

• The Phase Variation From Part–to–Part Between SYNC and the ‘Q’ Outputs Is Less Than 600ps (Derived From the TPD Specification, Which Defines the Part–to–Part Skew)

• SYNC Input Frequency Range From 5MHZ to 2X_Q FMax/4

• Additional Outputs Available at 2X the System ‘Q’ Frequency

• All Outputs Have ±36mA Drive (Equal High and Low) CMOS Levels. Can Drive Either CMOS or TTL Inputs. All Inputs Are TTL–Level Compatible

• Test Mode Pin (PLL_EN) Provided for Low Frequency Testing

• Special Power–Down Mode With 2X_Q, Q0, and Q1 Being Reset (With MR), and Other Outputs Remain Running. 2X_Q, Q0 and Q1 Are Guaranteed to Be in Lock 3 Clock Cycles After MR Is Negated




Similar Part No. - MC88921

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88920 MOTOROLA-MC88920 Datasheet
116Kb / 10P
LOW SKEW CMOS PLL CLOCK DRIVER With Power-Down/ Power-Up Feature
MC88920DW MOTOROLA-MC88920DW Datasheet
116Kb / 10P
LOW SKEW CMOS PLL CLOCK DRIVER With Power-Down/ Power-Up Feature
More results


Similar Description - MC88921

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88920 MOTOROLA-MC88920 Datasheet
116Kb / 10P
LOW SKEW CMOS PLL CLOCK DRIVER With Power-Down/ Power-Up Feature
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com