Electronic Components Datasheet Search
  English  ▼

X  

IDT82P20516 Datasheet (PDF) - Integrated Device Technology

IDT82P20516 Datasheet PDF - Integrated Device Technology
Part # IDT82P20516
Download  IDT82P20516 Download
File Size   1160.26 Kbytes
Page   115 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16-Channel Short Haul E1 Line Interface Unit

IDT82P20516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82P20516 Datasheet PDF - Integrated Device Technology

Part # IDT82P20516
Download  IDT82P20516 Click to download

File Size   1160.26 Kbytes
Page   115 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16-Channel Short Haul E1 Line Interface Unit

IDT82P20516 Datasheet (HTML) - Integrated Device Technology


IDT82P20516 Product details

DESCRIPTION

The IDT82P20516 is a 16-channel high-density E1 short haul Line Interface Unit. Each channel of the IDT82P20516 can be independently configured. The configuration is performed through a Serial microprocessor interface.



FEATURES

♦ Integrates 16 channels E1 short haul line interface units for 120 Ω E1 twisted pair cable and 75 Ω E1 coaxial cable applications

♦ Per-channel configurable Line Interface options

   • Fully integrated and software selectable receive and transmit termination

     – Option 1: Fully Internal Impedance Matching with integrated receive termination resistor

     – Option 2: Partially Internal Impedance Matching with common external resistor for improved device power dissipation

     – Option 3: External impedance Matching termination

   • Supports global configuration and per-channel configuration to E1 mode

♦ Per-channel programmable features

   • Provides E1 short haul waveform templates and user programmable arbitrary waveform templates

   • Provides two JAs (Jitter Attenuator) for each channel of receiver and transmitter

   • Supports AMI/HDB3 (for E1) encoding and decoding

♦ Per-channel System Interface options

   • Supports Single Rail, Dual Rail with clock or without clock and sliced system interface

   • Integrated Clock Recovery for the transmit interface to recover transmit clock from system transmit data

♦ Per-channel system and diagnostic functions

   • Provides transmit driver over-current detection and protection with optional automatic high impedance of transmit interface

   • Detects and generates PRBS (Pseudo Random Bit Sequence), ARB (Arbitrary Pattern) and IB (Inband Loopback) in either receive or transmit direction

   • Provides defect and alarm detection in both receive and transmit directions.

     – Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ (Excessive Zeroes)

     – Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS (Transmit LOS) and AIS (Alarm Indication Signal)

   • Programmable LLOS detection /clear levels. Compliant with ITU and ANSI specifications

   • Various pattern, defect and alarm reporting options

     – Serial hardware LLOS reporting (LLOS, LLOS0) for all 16 channels

     – Register access to individual registers or 16-bit error counters

   • Supports Analog Loopback, Digital Loopback and Remote Loopback

   • Supports line monitor

♦ Hitless Protection Switching (HPS) without external Relays

   • Supports 1+1 and 1:1 hitless protection switching

   • Asynchronous hardware control (OE, RIM) for fast global high impedance of receiver and transmitter (hot switching between working and backup board)

   • High impedance transmitter and receiver while powered down

   • Per-channel register control for high impedance, independent for receiver and transmitter

♦ Clock Inputs and Outputs

   • Flexible master clock (N x 1.544 MHz or N x 2.048 MHz) (1 ≤ N ≤ 8, N is an integer number)

   • Integrated clock synthesizer can multiply or divide the reference clock to a wide range of frequencies: 8 KHz, 64 KHz, 2.048 MHz, 4.096 MHz, 8.192 MHz, 19.44 MHz and 32.768 MHz

♦ Microprocessor Interface

   • Supports Serial microprocessor interface

♦ Other Key Features

   • IEEE1149.1 JTAG boundary scan

   • Two general purpose I/O pins

   • 3.3 V I/O with 5 V tolerant inputs

   • 3.3 V and 1.8 V power supply

   • Package: 484-pin Fine Pitch BGA (19 mm X 19 mm)

♦ Applicable Standards

   • Bellcore TR-TSY-000009, GR-253-CORE and GR-499-CORE

   • ETSI CTR12/13

   • ETS 300166 and ETS 300 233

   • G.703, G.735, G.736, G.742, G.772, G.775, G.783 and G.823

   • O.161



APPLICATIONS

♦ SDH/SONET multiplexers

♦ Central office or PBX (Private Branch Exchange)

♦ Digital access cross connects

♦ Remote wireless modules

♦ Microwave transmission systems



 




Similar Part No. - IDT82P20516

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
More results


Similar Description - IDT82P20516

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com