Electronic Components Datasheet Search
  English  ▼

X  

8344BY Datasheet (PDF) - Integrated Device Technology

8344BY Datasheet PDF - Integrated Device Technology
Part # 8344BY
Download  8344BY Download
File Size   141.04 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER

8344BY Datasheet (PDF)

Go To PDF Page Download Datasheet
8344BY Datasheet PDF - Integrated Device Technology

Part # 8344BY
Download  8344BY Click to download

File Size   141.04 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER

8344BY Datasheet (HTML) - Integrated Device Technology


8344BY Product details

GENERAL DESCRIPTION
The ICS8344 is a low voltage, low skew, 1-to-24 Differentialto-LVCMOS Fanout Buffer. The ICS8344 is designed to translate any differential signal levels to LVCMOS levels. The low impedance LVCMOS outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased to 48 by utilizing the ability of the outputs to drive two series terminated lines. Redundant clock applications can make use of the dual clock input. The dual clock inputs also facilitate board level testing. ICS8344 is characterized at full 3.3V, full 2.5V and mixed 3.3V input and 2.5V output operating supply modes.

FEATURES
• Twenty-four LVCMOS outputs, 7Ω typical output impedance
• Selectable differential clock input pairs for redundant clock applications
• CLKx, nCLKx pairs can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 167MHz
• Translates any differential input signal (LVPECL, LVHSTL, LVDS) to LVCMOS without external bias networks
• Translates any single-ended input signal to LVCMOS with resistor bias on nCLK input
• Multiple output enable pins for disabling unused outputs in reduced fanout applications
• Output skew: 275ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 150ps (maximum)
• Propagation Delay: 4.3ns (maximum)
• 3.3V, 2.5V or mixed 3.3V, 2.5V operating supply modes
• 0°C to 70°C ambient operating temperature
• Available in standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - 8344BY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8344BYILF RENESAS-8344BYILF Datasheet
361Kb / 17P
Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
8344BYILFT RENESAS-8344BYILFT Datasheet
361Kb / 17P
Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results


Similar Description - 8344BY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
logo
Integrated Device Techn...
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com