Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

6A05 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # 6A05
Download  6A05 Download
File Size   117.29 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A

6A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
6A05 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # 6A05
Download  6A05 Click to download

File Size   117.29 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A

6A05 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


6A05 Product details

Forward Current 6.0 A

Reverse Voltage 50 to 1000 V



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Lead and body according with RoHS standard



 




Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4001 DACHANG-1N4001 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N4001G DACHANG-1N4001G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N5400 DACHANG-1N5400 Datasheet
122Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
5A05 DACHANG-5A05 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 5.0 A
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
1A1 DACHANG-1A1 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com