Electronic Components Datasheet Search
  English  ▼

X  

2SB1132 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SB1132 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # 2SB1132
Download  2SB1132 Download
File Size   350.94 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (PNP)

2SB1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1132 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SB1132
Download  2SB1132 Click to download

File Size   350.94 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (PNP)

2SB1132 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


2SB1132 Product details

FEATURES
• Low VCE(sat): -0.2V(Typ) IC/IB=-500mA/-50mA
• Compliments 2SD1664




Similar Part No. - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
logo
Weitron Technology
2SB1132 WEITRON-2SB1132 Datasheet
348Kb / 5P
PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1132 UTC-2SB1132 Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
logo
TRANSYS Electronics Lim...
2SB1132 TEL-2SB1132 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
More results


Similar Description - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com