Electronic Components Datasheet Search
  English  ▼

X  

10A8 Datasheet (PDF) - Naina Semiconductor ltd.

10A8 Datasheet PDF - Naina Semiconductor ltd.
Part # 10A8
Download  10A8 Download
File Size   124.83 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Rectifier, 10.0A

10A8 Datasheet (PDF)

Go To PDF Page Download Datasheet
10A8 Datasheet PDF - Naina Semiconductor ltd.

Part # 10A8
Download  10A8 Click to download

File Size   124.83 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Silicon Rectifier, 10.0A

10A8 Datasheet (HTML) - Naina Semiconductor ltd.


10A8 Product details

Features
• Diffused junction
• Low cost
• Low reverse leakage current
• High current capability & low forward voltage drop
• Plastic material carrying UL recognition 94V-0
• Polarity: Color Band denotes Cathode
• Lead free finish




Similar Part No. - 10A8

ManufacturerPart #DatasheetDescription
logo
Bytes
10A8 BYTES-10A8 Datasheet
190Kb / 2P
10.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
10A8 ETC1-10A8 Datasheet
574Kb / 2P
10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
logo
Won-Top Electronics
10A8 WTE-10A8 Datasheet
54Kb / 4P
10A STANDARD DIODE
logo
Rectron Semiconductor
10A8 RECTRON-10A8 Datasheet
27Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
logo
DAESAN ELECTRONIC CORP.
10A8 DAESAN-10A8 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Similar Description - 10A8

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB1005M TAITRON-TB1005M Datasheet
168Kb / 4P
10.0A Single-Phase Silicon Bridge Rectifier
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
378Kb / 3P
10.0A SUPER BARRIER RECTIFIER
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
10.0A SUPER BARRIER RECTIFIER
SL1045 FORMOSA-SL1045_13 Datasheet
830Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
10.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL1045L DGNJDZ-SL1045L Datasheet
141Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB2045L ZSELEC-SB2045L Datasheet
277Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
10U45 YIXIN-10U45 Datasheet
260Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
10.0A Schottky BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com