Electronic Components Datasheet Search
  English  ▼

X  

MAX17498B Datasheet (PDF) - Maxim Integrated Products

MAX17498B Datasheet PDF - Maxim Integrated Products
Part # MAX17498B
Download  MAX17498B Download
File Size   2816.75 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications

MAX17498B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17498B Datasheet PDF - Maxim Integrated Products

Part # MAX17498B
Download  MAX17498B Click to download

File Size   2816.75 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications

MAX17498B Datasheet (HTML) - Maxim Integrated Products


MAX17498B Product details

General Description
The MAX17498A/MAX17498B/MAX17498C devices are current-mode fixed-frequency flyback/boost converters with a minimum number of external components. They contain all the control circuitry required to design wide input voltage isolated and nonisolated power supplies. The MAX17498A has its rising/falling undervoltage lockout (UVLO) thresholds optimized for universal offline (85V AC to 265V AC) applications, while the MAX17498B/MAX17498C support UVLO thresholds suitable to low voltage DC-DC applications.

Benefits and Features
♦ Peak Current-Mode Converter
♦ Current-Mode Control Provides Excellent
   Transient Response
♦ Fixed Switching Frequency
   ◇ 250kHz: MAX17498A/MAX17498C
   ◇ 500kHz: MAX17498B
♦ Flexible Error Amplifier to Regulate Both Positive
   and Negative Outputs
♦ Programmable Soft-Start to Reduce Input Inrush Current
♦ Programmable Voltage or Current Soft-Start
♦ Power-Good Signal (PGOOD)
♦ Reduced Power Dissipation Under Fault
   ◇ Overcurrent Protection
   ◇ Thermal Shutdown with Hysteresis
♦ Robust Protection Features
   ◇ Programmable Current Limit
   ◇ Input Overvoltage Protection
♦ Optimized Loop Performance
   ◇ Programmable Slope Compensation
♦ High Efficiency
   ◇ Low RDSON, 175mI, 65V Rated Internal
      n-Channel MOSFET
   ◇ No Current-Sense Resistor
♦ Optional Spread Spectrum
♦ Space-Saving, 16-Pin (3mm x 3mm) TQFN Package

Applications
   Front-End AC-DC Power Supplies for Industrial Applications (Isolated and Nonisolated)
   Telecom Power Supplies
   Wide Input Range DC Input Flyback/Boost Industrial Power Supplies




Similar Part No. - MAX17498B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17498B MAXIM-MAX17498B Datasheet
1Mb / 7P
18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX17498BATE MAXIM-MAX17498BATE Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498BATE+ MAXIM-MAX17498BATE+ Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
4.5V to 10V Input Range
2013
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Similar Description - MAX17498B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com