Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet (PDF) - Maxim Integrated Products

78M6612-IM/F/P Datasheet PDF - Maxim Integrated Products
Part # 78M6612-IM/F/P
Download  78M6612-IM/F/P Download
File Size   1182.35 Kbytes
Page   46 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase, Dual-Outlet Power and Energy Measurement IC

78M6612-IM/F/P Datasheet (PDF)

Go To PDF Page Download Datasheet
78M6612-IM/F/P Datasheet PDF - Maxim Integrated Products

Part # 78M6612-IM/F/P
Download  78M6612-IM/F/P Click to download

File Size   1182.35 Kbytes
Page   46 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase, Dual-Outlet Power and Energy Measurement IC

78M6612-IM/F/P Datasheet (HTML) - Maxim Integrated Products


78M6612-IM/F/P Product details

DESCRIPTION
The Teridian™ 78M6612 is a highly integrated, single-phase, power and energy measurement and monitoring system-onchip (SoC) that includes a 32-bit compute engine (CE), an MPU core, RTC, and flash. Our Single Converter Technology® with a 22-bit delta-sigma ADC, four analog inputs, digital temperature compensation, and precision voltage reference supports a wide range of single-phase, dual-outlet power measurement applications with very few external components.
   
FEATURES
• Measures Each Outlet of a Duplex Receptacle with
    a Single IC
• Provides Complete Energy Measurement and
    Communication Protocol Capability in a Single IC
• Intelligent Switch Control Capability
• < 0.5% Wh Accuracy Over 2000:1 Current Range
    and Over Temperature
• Exceeds IEC 62053/ANSIC12.20 Standards
• Voltage Reference < 40 ppm/°C
• Four Sensor Inputs – VDD Referenced
• Low Jitter Wh and VARh Pulse Test Outputs
    (10 kHz max)
• Pulse Count for Pulse Outputs
• Line Frequency Count for RTC
• Digital Temperature Compensation
• Sag Detection for Phase A and B
• Independent 32-Bit Compute Engine
• 46-64 Hz Line Frequency Range with Same Calibration
• Phase Compensation (±7°)
• Battery Backup for RTC and Battery Monitor
• Three Battery Modes with Wake-Up Timer:
    Brownout Mode (48 µA)
    LCD Mode (5.7 µA)
    Sleep Mode (2.9 µA)
• Energy Display on Main Power Failure
• Wake-Up Timer
• 22-Bit Delta-Sigma ADC
• 8-Bit MPU (80515), 1 Clock Cycle per Instruction
    with Integrated ICE for MPU Debug
• RTC with Temperature Compensation
• Auto-Calibration
• Hardware watchdog Timer, Power-Fail Monitor
• LCD Driver (Up to 152 Pixels)
• Up to 18 General-Purpose I/O Pins
• 32 kHz Time Base
• 32 KB Flash with Security
• 2 KB MPU XRAM
• Two UARTs
• Digital I/O Pins Compatible with 5 V Inputs
• 64-Pin LQFP or 68-Pin QFN Package
• RoHS-Compliant (6/6) Lead(Pb)-Free Packages
• Complete Application Firmware Available
   




Similar Part No. - 78M6612-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78M6612-IM/F/P TERIDIAN-78M6612-IM/F/P Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
More results


Similar Description - 78M6612-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Analog Devices
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com