Electronic Components Datasheet Search
  English  ▼

X  

MCH6663 Datasheet (PDF) - Sanyo Semicon Device

MCH6663 Datasheet PDF - Sanyo Semicon Device
Part # MCH6663
Download  MCH6663 Download
File Size   485.44 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description General-Purpose Switching Device Applications

MCH6663 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH6663 Datasheet PDF - Sanyo Semicon Device

Part # MCH6663
Download  MCH6663 Click to download

File Size   485.44 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description General-Purpose Switching Device Applications

MCH6663 Datasheet (HTML) - Sanyo Semicon Device


MCH6663 Product details

General-Purpose Switching Device Applications

Features
• ON-resistance Nch : RDS(on)1=145mΩ(typ.)
                 Pch : RDS(on)1=250mΩ(typ.)
• 4V drive
• Halogen free compliance
• Nch+Pch MOSFET




Similar Part No. - MCH6663

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6663 ONSEMI-MCH6663 Datasheet
645Kb / 7P
Power MOSFET
March 2015 - Rev. 3
logo
Sanyo Semicon Device
MCH6663-TL-H SANYO-MCH6663-TL-H Datasheet
602Kb / 9P
General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6663-TL-H ONSEMI-MCH6663-TL-H Datasheet
645Kb / 7P
Power MOSFET
March 2015 - Rev. 3
MCH6663-TL-W ONSEMI-MCH6663-TL-W Datasheet
645Kb / 7P
Power MOSFET
March 2015 - Rev. 3
logo
Sanyo Semicon Device
MCH6663 SANYO-MCH6663_12 Datasheet
602Kb / 9P
General-Purpose Switching Device Applications
More results


Similar Description - MCH6663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com