Electronic Components Datasheet Search
  English  ▼

X  

BU2510 Datasheet (PDF) - Vishay Siliconix

BU2510 Datasheet PDF - Vishay Siliconix
Part # BU2510
Download  BU2510 Download
File Size   99.4 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced PowerBridge Rectifiers

BU2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU2510 Datasheet PDF - Vishay Siliconix

Part # BU2510
Download  BU2510 Click to download

File Size   99.4 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced PowerBridge Rectifiers

BU2510 Datasheet (HTML) - Vishay Siliconix


BU2510 Product details

* Tested to UL standard for safety electrically isolated semiconductor devices. UL 1557 4th edition.

Dielectric tested to maximum case, storage and junction temperature to 150 °C to withstand 1500 V.

Epoxy meets UL 94 V-0 flammability rating.



FEATURES

• UL recognition file number E309391 (QQQX2) UL 1557 (see *)

• Thin single in-line package

• Available for BU-5S lead forming option (part number with “5S” suffix, e.g. BU25065S)

• Superior thermal conductivity

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

• Halogen-free according to IEC 61249-2-21 definition



TYPICAL APPLICATIONS

General purpose use in AC/DC bridge full wave rectification for switching power supply, home

appliances and white-goods applications.




Similar Part No. - BU2510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU2510 VISHAY-BU2510 Datasheet
107Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
23-Apr-13
BU2510 VISHAY-BU2510 Datasheet
154Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU2510-E3 VISHAY-BU2510-E3 Datasheet
115Kb / 6P
Thin single in-line package
16-Aug-13
BU2510-M3 VISHAY-BU2510-M3 Datasheet
108Kb / 6P
Bridge Rectifiers
26-Jun-13
BU2510-M3/45 VISHAY-BU2510-M3/45 Datasheet
108Kb / 6P
Bridge Rectifiers
26-Jun-13
More results


Similar Description - BU2510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com