Electronic Components Datasheet Search
  English  ▼

X  

25TTS12SPBF Datasheet (PDF) - Vishay Siliconix

25TTS12SPBF Datasheet PDF - Vishay Siliconix
Part # 25TTS12SPBF
Download  25TTS12SPBF Download
File Size   612.06 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 16 A

25TTS12SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
25TTS12SPBF Datasheet PDF - Vishay Siliconix

Part # 25TTS12SPBF
Download  25TTS12SPBF Click to download

File Size   612.06 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 16 A

25TTS12SPBF Datasheet (HTML) - Vishay Siliconix


25TTS12SPBF Product details

DESCRIPTION/FEATURES

The 25TTS...S High Voltage Series of silicon controlled rectifiers are specificallydesigned for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 °C junction temperature. Typical applications are in inputrectification (soft start) and these products are designed to be used with Vishay HPP input diodes, switches and output rectifiers which are available in identical package outlines. This product has been designed and qualified for industrial level.




Similar Part No. - 25TTS12SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS12S IRF-25TTS12S Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Inchange Semiconductor ...
25TTS12S ISC-25TTS12S Datasheet
201Kb / 1P
isc Thyristors
logo
International Rectifier
25TTS12STRL IRF-25TTS12STRL Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
25TTS12STRL IRF-25TTS12STRL Datasheet
189Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
25TTS12STRR IRF-25TTS12STRR Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
More results


Similar Description - 25TTS12SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS08SPBF VISHAY-16TTS08SPBF Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
02-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
Surface Mountable Phase Control SCR, 16 A
06-Aug-08
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
Surface Mountable Phase Control SCR, 16 A
16-Jul-10
16TTSS VISHAY-16TTSS Datasheet
121Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
Surface Mountable Phase Control SCR, 10 A
19-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com