Electronic Components Datasheet Search
  English  ▼

X  

15ETH06STRLPBF Datasheet (PDF) - Vishay Siliconix

15ETH06STRLPBF Datasheet PDF - Vishay Siliconix
Part # 15ETH06STRLPBF
Download  15ETH06STRLPBF Download
File Size   182.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 15 A FRED Pt

15ETH06STRLPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
15ETH06STRLPBF Datasheet PDF - Vishay Siliconix

Part # 15ETH06STRLPBF
Download  15ETH06STRLPBF Click to download

File Size   182.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 15 A FRED Pt

15ETH06STRLPBF Datasheet (HTML) - Vishay Siliconix


15ETH06STRLPBF Product details

DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, hyperfast recovery time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics.
These devices are intended for use in PFC boost stage in the ac-to-dc section of SMPS, inverters or as freewheeling diodes.
The extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.

FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Single die center tap module
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified




Similar Part No. - 15ETH06STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH06STRLPBF VISHAY-15ETH06STRLPBF Datasheet
121Kb / 7P
Hyperfast Rectifier, 15 A FRED PtTM
21-May-08
More results


Similar Description - 15ETH06STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
Hyperfast Rectifier, 15 A FRED Pt
11-Mar-10
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
Hyperfast Rectifier, 15 A FRED Pt
11-Mar-10
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
Hyperfast Rectifier, 15 A FRED Pt
19-Aug-10
15STH06FP VISHAY-15STH06FP_10 Datasheet
124Kb / 7P
Hyperfast Rectifier, 15 A FRED Pt
19-Aug-10
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
Hyperfast Rectifier, 15 A FRED Pt
11-Mar-11
ETH1506S-M3 VISHAY-ETH1506S-M3 Datasheet
195Kb / 9P
Hyperfast Rectifier, 15 A FRED Pt
21-Apr-11
ETX1506S-M3 VISHAY-ETX1506S-M3 Datasheet
195Kb / 9P
Hyperfast Rectifier, 15 A FRED Pt
19-Apr-11
VS-15ETH03PBF VISHAY-VS-15ETH03PBF Datasheet
164Kb / 8P
Hyperfast Rectifier, 15 A FRED Pt
05-Apr-12
VS-ETH1506-M3 VISHAY-VS-ETH1506-M3 Datasheet
205Kb / 10P
Hyperfast Rectifier, 15 A FRED Pt
11-Mar-11
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
Hyperfast Rectifier, 15 A Fred Pt
10-Jul-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com