Electronic Components Datasheet Search
  English  ▼

X  

SK1545YD2 Datasheet (PDF) - Diotec Semiconductor

SK1545YD2 Datasheet PDF - Diotec Semiconductor
Part # SK1545YD2
Download  SK1545YD2 Download
File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifiers ??Single Diode

SK1545YD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK1545YD2 Datasheet PDF - Diotec Semiconductor

Part # SK1545YD2
Download  SK1545YD2 Click to download

File Size   136.12 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifiers ??Single Diode

SK1545YD2 Datasheet (HTML) - Diotec Semiconductor


SK1545YD2 Product details

Surface Mount Schottky Rectifiers – Single Diode

• Nominal Current                                15 A
• Repetitive peak reverse voltage 20...45 V
• Plastic case                              TO-263AB
• Weight approx.                                  1.6 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - SK1545YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1545YD2 DIOTEC-SK1545YD2 Datasheet
169Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
Inchange Semiconductor ...
SK1545YD2 ISC-SK1545YD2 Datasheet
232Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - SK1545YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK2020YD2 DIOTEC-SK2020YD2 Datasheet
140Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
Surface Mount Schottky Rectifiers . Single Diode
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com