Electronic Components Datasheet Search
  English  ▼

X  

MAX15049 Datasheet (PDF) - Maxim Integrated Products

MAX15049 Datasheet PDF - Maxim Integrated Products
Part # MAX15049
Download  MAX15049 Download
File Size   837.37 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Evaluation Kit

MAX15049 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15049 Datasheet PDF - Maxim Integrated Products

Part # MAX15049
Download  MAX15049 Click to download

File Size   837.37 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Evaluation Kit

MAX15049 Datasheet (HTML) - Maxim Integrated Products


MAX15049 Product details

General Description
The MAX15048/MAX15049 are triple-output pulse-width modulated (PWM), step-down, DC-DC controllers with tracking (MAX15048) and sequencing (MAX15049) options. The devices operate over the 4.7V to 23V inputvoltage range. Each PWM controller provides an adjustable output down to 0.6V and delivers up to 15A of load current with excellent load and line regulation. The MAX15049 can start into prebiased outputs. The MAX15048/MAX15049 are optimized for high-performance, small-size power management solutions.

Features
♦ 4.7V to 23V or 5V ±10% Input Voltage Range
♦ Triple-Output Synchronous Buck Controllers with 120° Out-of-Phase Operation
♦ Prebias Power-Up (MAX15049)
♦ Output Voltage Adjustable Down to 0.6V
♦ Coincident/Ratiometric Tracking (MAX15048)
♦ Accurate Sequencing Through Enable Threshold (MAX15049)
♦ External Compensation for Maximum Flexibility
♦ Digital Soft-Start (MAX15048/MAX15049) and Soft-Stop (MAX15048)
♦ Lossless Valley-Mode Current Sensing Using RDS(ON) of the Low-Side MOSFET
♦ PGOOD Output
♦ Integrated Bootstrap Diodes
♦ Programmable Switching Frequency from 200kHz to 1.2MHz
♦ Thermal Shutdown and Hiccup Mode Short-Circuit Protection
♦ Space-Saving (5mm x 5mm), 32-Pin TQFN Package

Applications
    Point-of-Load DC-DC Converters
    ASIC/CPU/DSP Core and I/O Voltages
    DDR Power Supply
    Base-Station Power Supplies
    Telecom and Networking Power Supplies
    RAID Control Power Supplies
    Set-Top Boxes




Similar Part No. - MAX15049

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15049 MAXIM-MAX15049 Datasheet
837Kb / 7P
Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
More results


Similar Description - MAX15049

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com