Electronic Components Datasheet Search
  English  ▼

X  

MAX14569 Datasheet (PDF) - Maxim Integrated Products

MAX14569 Datasheet PDF - Maxim Integrated Products
Part # MAX14569
Download  MAX14569 Download
File Size   2082.58 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Pair LLT with Charge Pump and High-ESD Protection

MAX14569 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14569 Datasheet PDF - Maxim Integrated Products

Part # MAX14569
Download  MAX14569 Click to download

File Size   2082.58 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Pair LLT with Charge Pump and High-ESD Protection

MAX14569 Datasheet (HTML) - Maxim Integrated Products


MAX14569 Product details

General Description
The MAX14569 is a dedicated dual-pair unidirectional logic-level translator that is ideal for industrial and metering applications. Voltages VCC and VL set the logic levels on either side of the device. Logic-high signals present on the VL side of the device appear as high voltage logic signals on the VCC side of the device and vice versa.

Features
◆ Ultra-Low Shutdown Supply Current, 0.01µA (typ)
◆ Ultra-Low VL Supply Current, 1µA (max)
◆ Operates Down to 1.6V on VL
◆ Continuous Current Drive Capability > 10mA
◆ Extended ESD Protection on VCC Input and Output Lines
    ±25kV Human Body Model
    ±15kV IEC 61000-4-2 Air-Gap Discharge
    ±12kV IEC 61000-4-2 Contact Discharge
◆ 16-Pin QSOP Package
◆ -40NC to +85NC Extended Operating Temperature Range




Similar Part No. - MAX14569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14562 MAXIM-MAX14562 Datasheet
1Mb / 10P
36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
MAX14562ETA+T MAXIM-MAX14562ETA+T Datasheet
1Mb / 10P
36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 15P
USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
MAX14566AEETA MAXIM-MAX14566AEETA Datasheet
1Mb / 15P
USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
More results


Similar Description - MAX14569

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
Compact, Dual-Output Charge Pump
Rev 1; 7/97
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
High Current Charge Pump with Dual LDO for BacklightApplications
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
High Current Charge Pump with Dual LDO for Backlight Applications
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
Gate Driver with VReg and Charge Pump Regulator
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
Charge Pump
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com