Electronic Components Datasheet Search
  English  ▼

X  

MAX14503 Datasheet (PDF) - Maxim Integrated Products

MAX14503 Datasheet PDF - Maxim Integrated Products
Part # MAX14503
Download  MAX14503 Download
File Size   413.78 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hi-Speed USB-to-SD Card Readers with Bypass

MAX14503 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14503 Datasheet PDF - Maxim Integrated Products

Part # MAX14503
Download  MAX14503 Click to download

File Size   413.78 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hi-Speed USB-to-SD Card Readers with Bypass

MAX14503 Datasheet (HTML) - Maxim Integrated Products


MAX14503 Product details

General Description

The MAX14500–MAX14503 USB-to-SD™ card readers provide a means for portable devices that support full speed USB communication (12Mbps) with one or two SD card slots, upgrading the USB SD card reader function to USB Hi-Speed (480Mbps) operation. The MAX14500–MAX14503 have two modes of operation: Pass Thru and Card Reader. In pass thru, the SD and USB signals pass through the MAX14500–MAX14503 without modification, appearing like the device is not

present. The host microprocessor firmware does not need modification, as there is no change from the host microprocessor’s perspective. In Card Reader mode, the MAX14500–MAX14503 implement a Hi-Speed USB card reader that operates independently of the host microprocessor. All the capabilities of the full-speed USB port and SD card slot are preserved with the addi

tional feature that allows a faster way for a PC to read or write to the SD card. The MAX14500–MAX14503 support SD high capacity SDHC cards. The 40-pin TQFN version supports one SD card, while the 56-bump WLP version supports two SD cards.



Features

♦USB 2.0 Hi-Speed and Full-Speed Compliant

♦SDHC Card Support

♦Internal Hi-Speed USB SD Card Reader Eases Host µP Overhead

♦On-Chip Termination and Pullup Resistors

♦Internal SD Switches Allow For Multiplexing Two SD Cards on a Single-Microprocessor SD Port

♦Accommodates Clock Input Frequencies 26MHz, 19.2MHz, 13MHz, and 12MHz

♦Internal Clock Squarer for Low-Amplitude TCXO Signals

♦No Power-Supply Sequencing Required

♦Compatible with +1.8V to +3.3V I/O Host Microprocessor

♦Simple Control Mode Requires Only a Single GPIO

♦I2C Control Provides Multiple Configuration Options

♦I2C Control Required for Two SD Cards

♦On-Chip Power-On Reset/Brown-Out Reset




Similar Part No. - MAX14503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX14502 MAXIM-MAX14502 Datasheet
630Kb / 15P
On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14502EVKIT+ MAXIM-MAX14502EVKIT+ Datasheet
630Kb / 15P
On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
MAX14504 MAXIM-MAX14504 Datasheet
190Kb / 12P
Internal Shunt Switches Reduce Click/Pop
Rev 1; 12/08
More results


Similar Description - MAX14503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
Hi-Speed USB to IDE Bridge Controller
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
Future Technology Devic...
C232HM FTDI-C232HM Datasheet
531Kb / 18P
USB 2.0 Hi-Speed to MPSSE Cable
logo
List of Unclassifed Man...
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
Hi-Speed USB to SATAII Bridge Controller
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
Hi-Speed USB to 10/100 Ethernet Bridge
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com