Electronic Components Datasheet Search
  English  ▼

X  

MAX13020 Datasheet (PDF) - Maxim Integrated Products

MAX13020 Datasheet PDF - Maxim Integrated Products
Part # MAX13020
Download  MAX13020 Download
File Size   373.48 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±60V Fault-Protected LIN Transceivers

MAX13020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX13020 Datasheet PDF - Maxim Integrated Products

Part # MAX13020
Download  MAX13020 Click to download

File Size   373.48 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±60V Fault-Protected LIN Transceivers

MAX13020 Datasheet (HTML) - Maxim Integrated Products


MAX13020 Product details

General Description
The MAX13020/MAX13021 ±60V fault-protected low-power local interconnect network (LIN) transceivers are ideal for use in automotive network applications where high reliability is required. The devices provide the interface between the LIN master/slave protocol con troller, and the physical bus described in the LIN 2.0 specification package and SAE J2602 specification. The devices are intended for in-vehicle subnetworks with a single master and multiple slaves.

Features
♦ MAX13020 is a Pin-to-Pin Upgrade for TJA1020
♦ ESD Protection
    ±12kV Human Body Model (LIN) ±4kV Contact Discharge (LIN, NWAKE, BAT)
♦ LIN 2.0/SAE J2602 Compatible
♦ Slew-Rate Limited Transmitter for Low Electromagnetic Emissions (EME)
♦ Robust Electromagnetic Immunity (EMI)
♦ Passive Behavior in Unpowered State
♦ TXD Dominant Timeout Function
♦ LIN Bus Dominant Management (MAX13021 Only)
♦ Input Levels Compatible with +3.3V and +5V Controllers
♦ Integrated 30kΩ Termination Resistor for Slave Applications
♦ Low 4µA Sleep Mode with Local and Remote Wake-Up Detection
♦ Wake-Up Source Recognition
♦ Thermal Shutdown

Applications
    +12V/+42V Automotive
    +24V Heavy Truck and Bus




Similar Part No. - MAX13020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Similar Description - MAX13020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
60V Fault Protected RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
logo
Linear Technology
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com