Electronic Components Datasheet Search
  English  ▼

X  

DS9093RA Datasheet (PDF) - Maxim Integrated Products

DS9093RA Datasheet PDF - Maxim Integrated Products
Part # DS9093RA
Download  DS9093RA Download
File Size   141.51 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description iButton Plastic Card Mounts

DS9093RA Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9093RA Datasheet PDF - Maxim Integrated Products

Part # DS9093RA
Download  DS9093RA Click to download

File Size   141.51 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description iButton Plastic Card Mounts

DS9093RA Datasheet (HTML) - Maxim Integrated Products


DS9093RA Product details

iButton DESCRIPTION

The DS1982 1Kb Add-Only iButton is a rugged read/write data carrier that identifies and stores relevant information about the product or person to which it is attached. This information can be accessed with minimal hardware, for example, a single port pin of a microcontroller. The DS1982 consists of a factory lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit Family Code (09h) plus 1Kb of EPROM that is user-programmable. The power to program and read the DS1982 is derived entirely from the 1-Wire communication line. Data is transferred serially via the 1-Wire protocol that requires only a single data lead and a ground return. The entire device can be programmed and then write-protected if desired. Alternatively, the part may be programmed multiple times with new data being appended to, but not overwriting, existing data with each subsequent programming of the device.



SPECIAL FEATURES

■ 1024 bits Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground

■ EPROM partitioned into four 256-bit pages for randomly accessing packetized data

■ Each memory page can be permanently write protected to prevent tampering

■ Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data

■ Architecture allows software to patch data by superseding an old page in favor of a newly programmed page

■ Reduces control, address, data, power, and programming signals to a single data pin

■ 8-bit family code specifies DS1982 communications requirements to reader

■ Reads over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C; programs at 11.5V to 12.0V from -40°C to +50°C



COMMON iButton FEATURES

■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike

■ Multidrop controller for MicroLAN

■ Digital identification and information by momentary contact

■ Chip-based data carrier compactly stores information

■ Data can be accessed while affixed to object

■ Economically communicates to bus master with a single digital signal at 16.3kbps

■ Standard 16mm diameter and 1-Wire® protocol ensure compatibility with iButton® family

■ Button shape is self-aligning with cup-shaped probes

■ Durable stainless steel case engraved with registration number withstands harsh environments

■ Easily affixed with self-stick adhesive backing, latched by its flange, or locked with a ring pressed onto its rim

■ Presence detector acknowledges when reader first applies voltage



 




Similar Part No. - DS9093RA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093RA DALLAS-DS9093RA Datasheet
72Kb / 12P
RTC iButton
DS9093RA DALLAS-DS9093RA Datasheet
729Kb / 22P
Temperature iButton
logo
Maxim Integrated Produc...
DS9093RA MAXIM-DS9093RA Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9093RA MAXIM-DS9093RA Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9093RA MAXIM-DS9093RA Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
More results


Similar Description - DS9093RA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
logo
Maxim Integrated Produc...
DS9093S MAXIM-DS9093S Datasheet
82Kb / 1P
iButton Wall Mounts
062503
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
103Kb / 2P
iButton Key Ring Mounts
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A_09 Datasheet
198Kb / 3P
iButton Key Ring Mounts
logo
List of Unclassifed Man...
561-F001 ETC2-561-F001 Datasheet
84Kb / 1P
Capacitor Mounts
561-TA40170 ETC2-561-TA40170 Datasheet
136Kb / 2P
Clip Mounts
logo
Maxim Integrated Produc...
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
DS9093A MAXIM-DS9093A Datasheet
193Kb / 3P
iButton Key Ring Mounts
2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com