Electronic Components Datasheet Search
  English  ▼

X  

MMBTA44 Datasheet (PDF) - Micro Commercial Components

MMBTA44 Datasheet PDF - Micro Commercial Components
Part # MMBTA44
Download  MMBTA44 Download
File Size   221.59 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon High Voltage Transistor 350mW

MMBTA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA44 Datasheet PDF - Micro Commercial Components

Part # MMBTA44
Download  MMBTA44 Click to download

File Size   221.59 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon High Voltage Transistor 350mW

MMBTA44 Datasheet (HTML) - Micro Commercial Components


MMBTA44 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Surface Mount SOT-23 Package
• 150 °C Junction Temperature
• Halogen free available upon request by adding suffix "-HF"






Similar Part No. - MMBTA44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBTA44 ETC-MMBTA44 Datasheet
34Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Avic Technology
MMBTA44 AVICTEK-MMBTA44 Datasheet
50Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
MMBTA44 WEITRON-MMBTA44 Datasheet
195Kb / 3P
High-Voltage NPN Transistor Surface Mount
logo
Unisonic Technologies
MMBTA44 UTC-MMBTA44 Datasheet
78Kb / 5P
HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
logo
Diotec Semiconductor
MMBTA44 DIOTEC-MMBTA44 Datasheet
112Kb / 2P
Surface mount High Voltage Transistors
More results


Similar Description - MMBTA44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA44 MCC-MMBTA44_15 Datasheet
305Kb / 3P
NPN Silicon High Voltage Transistor 350mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com