Electronic Components Datasheet Search
  English  ▼

X  

AOCJY2 Datasheet (PDF) - Abracon Corporation

AOCJY2 Datasheet PDF - Abracon Corporation
Part # AOCJY2
Download  AOCJY2 Download
File Size   2288.44 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OVEN CONTROLLED CRYSTAL OSCILLATOR

AOCJY2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCJY2 Datasheet PDF - Abracon Corporation

Part # AOCJY2
Download  AOCJY2 Click to download

File Size   2288.44 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OVEN CONTROLLED CRYSTAL OSCILLATOR

AOCJY2 Datasheet (HTML) - Abracon Corporation


AOCJY2 Product details

FEATURES:

• 21.0 x 21.0 x 11.0 mm Leaded- RoHS Compliant Reflow-able Package

• SC-Cut, High “Q” resonator based design

• Either Sinewave or CMOS RF output

• Available with ±30 ppb over -40°C to +75°C operating temperature range

• Tighter Stabilities to ±5.0 ppb over 0°C to +50°C also available

• Exceptional long-term Aging of ±500 ppb max. over 10-Year Product Life

• Excellent close-in phase noise (-140 dBc/Hz Max. @100Hz offset; 10MHz carrier)



APPLICATIONS:

• Cellular Infrastructure

• Radar Systems

• Test & Measurement Equipment

• GPS Tracking with precision hold-over accuracy

• WiMax / WLAN



 




Similar Part No. - AOCJY2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AOCJY ABRACON-AOCJY Datasheet
1Mb / 3P
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
03.25.10
AOCJY ABRACON-AOCJY Datasheet
1Mb / 3P
SMD OVEN CONTROLLED CRYSTAL OSCILLATOR
12.01.10
AOCJY ABRACON-AOCJY Datasheet
681Kb / 7P
Oven Controlled Crystal Oscillator
06-21-22
AOCJY-10.000MHZ ABRACON-AOCJY-10.000MHZ Datasheet
681Kb / 7P
Oven Controlled Crystal Oscillator
06-21-22
AOCJY-100.000MHZ ABRACON-AOCJY-100.000MHZ Datasheet
681Kb / 7P
Oven Controlled Crystal Oscillator
06-21-22
More results


Similar Description - AOCJY2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com