Electronic Components Datasheet Search
  English  ▼

X  

RB520S-30LP Datasheet (PDF) - Micro Commercial Components

RB520S-30LP Datasheet PDF - Micro Commercial Components
Part # RB520S-30LP
Download  RB520S-30LP Download
File Size   310.92 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 100 mA Schottky Rectifier 30 Volts

RB520S-30LP Datasheet (PDF)

Go To PDF Page Download Datasheet
RB520S-30LP Datasheet PDF - Micro Commercial Components

Part # RB520S-30LP
Download  RB520S-30LP Click to download

File Size   310.92 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 100 mA Schottky Rectifier 30 Volts

RB520S-30LP Datasheet (HTML) - Micro Commercial Components


RB520S-30LP Product details

Features
• Small Surface Mounting Type
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisure Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)
• Halogen Free Available Upon Request By Adding Suffix "-HF"

Maximum Ratings
• Operating Junction Temperature Range: 125°C
• Storage Temperature Range: -40°C to +125°C
• Thermal Resistance: 667°C/W Junction to Ambient




Similar Part No. - RB520S-30LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB520S-30LP MCC-RB520S-30LP_13 Datasheet
269Kb / 3P
100 mA Schottky Rectifier 30 Volts
More results


Similar Description - RB520S-30LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB521G-30 MCC-RB521G-30 Datasheet
195Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521S-30LP MCC-RB521S-30LP Datasheet
322Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB751S-40LP MCC-RB751S-40LP Datasheet
323Kb / 3P
30 mA Schottky Rectifier 40 Volts
RB520S-30DP MCC-RB520S-30DP_16 Datasheet
313Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB520S-30L2 MCC-RB520S-30L2 Datasheet
276Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB520S-30LP MCC-RB520S-30LP_13 Datasheet
269Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB521S-30DP MCC-RB521S-30DP_17 Datasheet
318Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521S-30LP MCC-RB521S-30LP_18 Datasheet
335Kb / 3P
100 mA Schottky Rectifier 30 Volts
RB751S-40L2 MCC-RB751S-40L2 Datasheet
285Kb / 3P
30 mA Schottky Rectifier 40 Volts
RB751S-40LP MCC-RB751S-40LP_13 Datasheet
260Kb / 3P
30 mA Schottky Rectifier 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com