Electronic Components Datasheet Search
  English  ▼

X  

BF422 Datasheet (PDF) - Micro Commercial Components

BF422 Datasheet PDF - Micro Commercial Components
Part # BF422
Download  BF422 Download
File Size   228.66 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

BF422 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF422 Datasheet PDF - Micro Commercial Components

Part # BF422
Download  BF422 Click to download

File Size   228.66 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

BF422 Datasheet (HTML) - Micro Commercial Components


BF422 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
•  Capable of 0.83Watts of Power Dissipation.
•  Collector-current 0.1A
•  Collector-base Voltage: BF420 300V
                                          BF422 250V
•  Operating and storage junction temperature range: -55°C to +150°C
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1
•  Marking: Type Number




Similar Part No. - BF422

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF422 MOTOROLA-BF422 Datasheet
114Kb / 4P
High Voltage Transistors(NPN)
logo
ON Semiconductor
BF422 ONSEMI-BF422 Datasheet
80Kb / 4P
High Voltage Transistors(NPN Silicon)
REV 1
logo
NXP Semiconductors
BF422 PHILIPS-BF422 Datasheet
62Kb / 6P
NPN high-voltage transistors
2004 Nov 10
logo
Siemens Semiconductor G...
BF422 SIEMENS-BF422 Datasheet
123Kb / 4P
NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
logo
General Semiconductor
BF422 GE-BF422 Datasheet
39Kb / 2P
Small Signal Transistors (NPN)
More results


Similar Description - BF422

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com